Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM324SNG Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LM324SNG
Descripción Electrónicos  Single Supply Quad Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324SNG Datasheet(HTML) 4 Page - ON Semiconductor

  LM324SNG Datasheet HTML 1Page - ON Semiconductor LM324SNG Datasheet HTML 2Page - ON Semiconductor LM324SNG Datasheet HTML 3Page - ON Semiconductor LM324SNG Datasheet HTML 4Page - ON Semiconductor LM324SNG Datasheet HTML 5Page - ON Semiconductor LM324SNG Datasheet HTML 6Page - ON Semiconductor LM324SNG Datasheet HTML 7Page - ON Semiconductor LM324SNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM324S, LM2902S
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
Characteristics
LM324S
LM2902S
Unit
Symbol
Min
Typ
Max
Min
Typ
Max
Output Voltage − High Limit
VOH
V
VCC = 5.0 V, RL = 2.0 kW, TA = 25°C
3.3
3.5
3.3
3.5
VCC = 30 V, RL = 2.0 kW, (TA = Thigh to Tlow) (Note 7)
26
26
VCC = 30 V, RL = 10 kW, (TA = Thigh to Tlow) (Note 7)
27
28
27
28
Output Voltage − Low Limit,
VCC = 5.0 V, RL = 10 kW, TA = Thigh to Tlow (Note 7)
VOL
5.0
20
5.0
100
mV
Output Source Current (VID = +1.0 V, VCC = 15 V)
IO +
mA
TA = 25°C
20
40
20
40
TA = Thigh to Tlow (Note 7)
10
20
10
20
Output Sink Current
IO
mA
VID = −1.0 V, VCC = 15 V, TA = 25°C
10
20
10
20
TA = Thigh to Tlow (Note 7)
5.0
8.0
5.0
8.0
VID = −1.0 V, VO = 200 mV, TA = 25°C
12
50
mA
Output Short Circuit to Ground (Note 8)
ISC
40
60
40
60
mA
Power Supply Current (TA = Thigh to Tlow) (Note 7)
ICC
mA
VCC = 30 V VO = 0 V, RL = ∞
3.0
3.0
VCC = 5.0 V, VO = 0 V, RL = ∞
1.2
1.2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
7. LM324S: Tlow = 0°C, Thigh = +70°C
LM2902S: Tlow = −40°C, Thigh = +105°C
8. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC −1.7 V, but either or both inputs can go to +32 V without damage, independent of the magnitude
of VCC.
Figure 1. Representative Circuit Diagram
(One−Fourth of Circuit Shown)
Output
Bias Circuitry
Common to Four
Amplifiers
VCC
VEE/GND
Inputs
Q2
Q3
Q4
Q5
Q26
Q7
Q8
Q6
Q9
Q11
Q10
Q1
2.4 k
Q25
Q22
40 k
Q13
Q14
Q15
Q16
Q19
5.0 pF
Q18
Q17
Q20
Q21
2.0 k
Q24
Q23
Q12
25
+
-


Número de pieza similar - LM324SNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
LM324SR ROHM-LM324SR Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
More results

Descripción similar - LM324SNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com