|
| SUR503EF |
|
||
|
AUK |
|
2 page
KST-J003-003 2 SUR503EF Absolute maximum ratings (Tr1, Tr2) Ta=25 °C Characteristic Symbol Ratings Unit Out Voltage VO 50 V Input Voltage VI 20 V Out Current IO 100 mA Power Dissipation PD 100 mW Junction Temperature TJ 150 °C Storage Temperature TSTG -55 ~ 150 °C Electrical Characteristics(Tr1, Tr2 : PNP) Ta=25 °C Characteristic Symbol Test Condition Min. Typ. Max. Unit Output Cut-off Current IO(OFF) VO=50V, VI=0 - - 500 nA DC Current Gain GI VO=5V, IO=10mA 80 200 - - Output Voltage VO(ON) IO=10mA, II=0.5mA - 0.1 0.3 V Input Voltage (ON) VI(ON) VO=0.2V, IO=5mA - 0.9 1.3 V Input Voltage (OFF) VI(OFF) VO=5V, IO=0.1mA 0.5 0.65 - V Transition Frequency fT * VO=10V, IO=5mA - 200 - MHz Input Current II VI=5V - - 1.8 mA * : Characteristic of Transistor Only |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| SUT485J | Epitaxial Planar type NPN Silicon Transistor | 1 2 3 4 | AUK corp |
| 2SC2840 | NPN Epitaxial Planar Type Silicon Transistor | 1 2 3 4 | Sanyo Semicon Device |
| SUR510EF | Epitaxial Planar Type NPN Silicon Transistor | 1 2 3 | AUK corp |
| SUT486J | Epitaxial Planar type NPN Silicon Transistor | 1 2 3 4 | AUK corp |
| MT3S03AT | TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE | 1 2 3 4 | Toshiba Semiconductor |
| MT4S06 | TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE | 1 2 | Toshiba Semiconductor |
| MT3S03AU | TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE | 1 2 | Toshiba Semiconductor |
| MT3S06S | TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE | 1 2 | Toshiba Semiconductor |
| SUR521H | Epitaxial Planar Type NPN Silicon Transistor | 1 2 3 | AUK corp |
| SUT495J | Epitaxial Planar type NPN Silicon Transistor | 1 2 3 4 | AUK corp |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |