Nombre de pieza
         Descripción
SUT484J

 NPN/PNP Epitaxial Planar Silicon Transistor ( 5 Page)


AUK
100% 
Zoom Out Zoom In
   
 2 page
background image
KST-6002-004
2
SUT484J
Absolute maximum ratings (Tr1, Tr2)
Ta=25
°C
Ratings
Characteristic
Symbol
Tr1
Tr2
Unit
Collector-Base voltage
VCBO
-50
60
V
Collector-Emitter voltage
VCEO
-50
50
V
Emitter-base voltage
VEBO
-5
5
V
Collector current
IC
-150
150
mA
Collector dissipation
PC
150
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics (Tr1 : PNP)
Ta=25
°C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-100µA, IE=0
-50
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-50
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-10µA, IC=0
-5
-
-
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-
-
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-
-
-0.1
µA
DC current gain
hFE
VCE=-6V, IC=-2mA
120
-
400
-
Collector-Emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-
-0.3
V
Transition frequency
fT
VCE=-10V, IC=-1mA,
f=100MHz
80
-
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
4
7
pF
Electrical Characteristics (Tr2 : NPN)
Ta=25
°C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100µA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
50
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10µA, IC=0
5
-
-
V
Collector cut-off current
ICBO
VCB=60V, IE=0
-
-
0.1
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.1
µA
DC current gain
hFE
VCE=6V, IC=2mA
70
-
700
-
Collector-Emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
-
-
0.25
V
Transition frequency
fT
VCE=10V, IC=1mA,
f=100MHz
80
-
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2
3.5
pF
1  2  3  4  5 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2SC6015NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
UNR31A1Silicon PNP epitaxial planar transistor 1 2 3 Panasonic Semiconductor
BTB1236AL3Silicon PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTD1857AT3Silicon NPN Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
SUR530HEpitaxial planar PNP silicon transistor 1 2 3 AUK corp
SUR547JEpitaxial planar PNP silicon transistor 1 2 3 AUK corp
CMBT4401SILICON PLANAR EPITAXIAL TRANSISTOR 1 2 3 Continental Device India Limited
CSA733PNP SILICON PLANAR EPITAXIAL TRANSISTOR 1 2 3 4 Continental Device India Limited
PZT2222ANPN Silicon Planar Epitaxial Transistor 1 2 3 4 Weitron Technology
LLE18150XNPN silicon planar epitaxial microwave power transistor 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl