Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL-CL2-01 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

No. de pieza IRL-CL2-01
Descripción Electrónicos  LED Strip Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRL-CL2-01 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  IRL-CL2-01 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRL-CL2-01 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IRL-CL2-01 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
LED Strip Module
I R L - C L 2 - 0 1
Model
Color
Product specifications
LED Package
LEDs
Luminous flux
Wavelength or Color temperature
Rated working voltage
Rated input power
IP level
Luminous angle
Working temperature
IRL-CL2-01
3000×12×5mm
Standard white~Warm white
O
120
3527(two color)
60LED/M
580lm/M
SW:5700-6500K
WW:2900-3200K
DC12V
7.2W/M
-20℃~ +45℃
IP 65
NOTE : The luminous flux is allowed to float with + 10%.
Packing
0.11Kg,40pcs/8.5Kg/44x40x26cm
.    
 ,      ,    . 
 , , .       .
   .
File Name:IRL-CL2-01 2015-11-23



 








■ 



 .


Número de pieza similar - IRL-CL2-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lorlin Electronics Ltd.
IRL-5-D-D-2 LORLIN-IRL-5-D-D-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-D-S-2 LORLIN-IRL-5-D-S-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-R-D-2 LORLIN-IRL-5-R-D-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-R-S-2 LORLIN-IRL-5-R-S-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
logo
OSRAM GmbH
IRL-80-A OSRAM-IRL-80-A Datasheet
172Kb / 10P
   GaAs infrared emitting diode
More results

Descripción similar - IRL-CL2-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
IRL-RGBW-01 MEANWELL-IRL-RGBW-01 Datasheet
1Mb / 3P
   LED Strip Module
IRL-RGB-01 MEANWELL-IRL-RGB-01 Datasheet
598Kb / 3P
   LED Strip Module
NCL-CL1-01 MEANWELL-NCL-CL1-01 Datasheet
916Kb / 3P
   LED Strip Module
logo
BetLux Electronics
TLS-1W-ML38_1W BETLUX-TLS-1W-ML38_1W Datasheet
174Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-M35_1W BETLUX-TLS-1W-M35_1W Datasheet
162Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-MS35_1W BETLUX-TLS-1W-MS35_1W Datasheet
476Kb / 1P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-ML45 BETLUX-TLS-1W-ML45 Datasheet
223Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-MS35 BETLUX-TLS-1W-MS35 Datasheet
476Kb / 1P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-ML45_1W BETLUX-TLS-1W-ML45_1W Datasheet
223Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com