Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-732A-E Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza STK672-732A-E
Descripción Electrónicos  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-732A-E Datasheet(HTML) 1 Page - ON Semiconductor

  STK672-732A-E Datasheet HTML 1Page - ON Semiconductor STK672-732A-E Datasheet HTML 2Page - ON Semiconductor STK672-732A-E Datasheet HTML 3Page - ON Semiconductor STK672-732A-E Datasheet HTML 4Page - ON Semiconductor STK672-732A-E Datasheet HTML 5Page - ON Semiconductor STK672-732A-E Datasheet HTML 6Page - ON Semiconductor STK672-732A-E Datasheet HTML 7Page - ON Semiconductor STK672-732A-E Datasheet HTML 8Page - ON Semiconductor STK672-732A-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
62911HKPC 018-08-0086/N1809HKIM No. A1590-1/19
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
STK672-732A-E
Overview
The STK672-732A-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.
Applications
• Office photocopiers, printers, etc.
Features
• Built-in overcurrent detection function (output current OFF).
• Built-in overheat detection function (output current OFF).
• If either overcurrent or overheat detection function is activated, the FAULT signal (active low) is output.
• Built-in power on reset function.
• Phase signal input driver activated with an active Low and incorporates a simultaneous ON prevention function.
• Supports schmitt input for 2.5V high level input.
• Incorporating a current detection resistor (0.141Ω: resistor tolerance ±2%), motor current can be set using two
external resistors.
• Provides the output current cutoff ENABLE pin.
• Miniature package (provides pin compatibility with STK672-730A-E)
Ordering number : ENA1590A
Thick-Film Hybrid IC
2-phase Stepping Motor Driver


Número de pieza similar - STK672-732A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E_11 Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
More results

Descripción similar - STK672-732A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com