Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC01707PLF Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza LC01707PLF
Descripción Electrónicos  FM multiple tuner IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC01707PLF Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC01707PLF Datasheet HTML 2Page - ON Semiconductor LC01707PLF Datasheet HTML 3Page - ON Semiconductor LC01707PLF Datasheet HTML 4Page - ON Semiconductor LC01707PLF Datasheet HTML 5Page - ON Semiconductor LC01707PLF Datasheet HTML 6Page - ON Semiconductor LC01707PLF Datasheet HTML 7Page - ON Semiconductor LC01707PLF Datasheet HTML 8Page - ON Semiconductor LC01707PLF Datasheet HTML 9Page - ON Semiconductor LC01707PLF Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LC01707PLF
No.A1928-6/18
Continued from preceding page.
Pin No. Pin name
Function
Equivalent circuit
16
17
18
LO_1
VSS
LO_2
Pin 16 is inductor connection pin for local
oscillator.
Pin 17 is GND pin for local oscillator.
Pin 18 is inductor connection pin for local
oscillator.
16
VDD
17
VDD
18
To Pin13
19
NC
No connection.
20
NC
No connection.
21
NC
No connection.
22
NC
No connection.
23
DEVAR
Device address setting pin.
23
VDD
VDD
24
VSS
PLL_logic GND pin.
25
XTAL
Crystal oscillator connection pin (clock input
pin).
25
VDD
VDD
20pF
10pF
5pF
26
30
SD
INT
Station detector pin.
Test monitor pin.
26
VDD
VDD
30
27
NC
No connection.
28
NC
No connection.
29
NC
No connection.
Continued on next page.


Número de pieza similar - LC01707PLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC01707PLF SANYO-LC01707PLF Datasheet
283Kb / 18P
   FM multiple tuner IC
More results

Descripción similar - LC01707PLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC01707PLF SANYO-LC01707PLF Datasheet
283Kb / 18P
   FM multiple tuner IC
logo
Toshiba Semiconductor
TA8167N TOSHIBA-TA8167N Datasheet
468Kb / 14P
   3V AM/FM 1CHP TUNER IC
TA8127N TOSHIBA-TA8127N Datasheet
499Kb / 16P
   3V AM/FM 1CHIP TUNER IC
TA8122AN TOSHIBA-TA8122AN Datasheet
524Kb / 17P
   3V AV/FM 1CHIP TUNER IC
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
logo
List of Unclassifed Man...
RTC6218 ETC1-RTC6218 Datasheet
420Kb / 20P
   FM Tuner
logo
Sanyo Semicon Device
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
100Kb / 5P
   3V AM/FM ONE CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com