Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU-21434 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza BU-21434
Descripción Electrónicos  Insulated, Long Reach, Plunger Grabber
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

BU-21434 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-21434 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
BU-21434-*
(Insulated, Long Reach, Plunger Grabber)
• The BU-21434-* is designed to safely reach into tight places while keeping
the operators hands away from danger.
• It connect with any shrouded, unshrouded or retractable 4mm Banana plug
• The Overall length is 6.1” (155mm) and the jaws open 0.7” (18mm)
maximum.
Material:
Housing – Polypropylene
Contacts – Nickel plated Brass
• Colors: designated by “*” in the part number: -0 black, -2 red
Can also be ordered as a red/black pair under part number BU-P5912B
• Ratings: 10 Amps, 1000V Cat III
• RoHS Compliant


Número de pieza similar - BU-21434

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BU-21APN ETC2-BU-21APN Datasheet
231Kb / 1P
   Heavy Duty, Steel, Automotive Clip, 50 Amps
BU-21CPN ETC2-BU-21CPN Datasheet
243Kb / 1P
   Heavy Duty, Solid Copper, Automotive Clip, 100 Amps
More results

Descripción similar - BU-21434

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
6490 POMONA-6490 Datasheet
115Kb / 2P
   20mm Tip Reach, SMD Grabber Test Clip
6442 POMONA-6442 Datasheet
161Kb / 2P
   13mm Tip Reach, SMD Micro Grabber Test Clip
6351 POMONA-6351 Datasheet
361Kb / 2P
   8mm Tip Reach, SMD Micro Grabber Test Clip
6352 POMONA-6352 Datasheet
481Kb / 2P
   13mm Tip Reach, SMD Micro Grabber Test Clip
6353 POMONA-6353 Datasheet
367Kb / 2P
   2mm Tip Reach, SMD Micro Grabber Test Clip
logo
Finisar Corporation.
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com