Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54ABT573 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ABT573
Descripción Electrónicos  Octal D-Type Latch with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT573 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button 54ABT573 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 9Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 10Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 11Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AC Loading
DS100219-4
*Includes jig and probe capacitance
FIGURE 1. Test Load
DS100219-6
FIGURE 2. Test Input Signal Levels
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100219-8
FIGURE 4. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
DS100219-5
FIGURE 5. Propagation Delay,
Pulse Width Waveforms
DS100219-7
FIGURE 6. TRI-STATE Output HIGH
and LOW Enable and Disable Times
DS100219-9
FIGURE 7. Setup Time, Hold Time
and Recovery Time Waveforms
www.national.com
10


Número de pieza similar - 54ABT573

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574E/883 NSC-54ABT574E/883 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574J/883 NSC-54ABT574J/883 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574W/883 NSC-54ABT574W/883 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

Descripción similar - 54ABT573

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
   Octal D-Type Latch with TRI-STATE Outputs
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
   OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
54F573DM NSC-54F573DM Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
[Old version datasheet]   Octal Latch with Tri-State Outputs
logo
National Semiconductor ...
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
   TRI-STATE-R Octal D-Type Latch with Inverted Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com