Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54ABT574 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ABT574
Descripción Electrónicos  Octal D-Type Flip-Flop with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT574 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ABT574 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
Ceramic
−55˚C to +175˚C
V
CC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Any Output in
the Disabled or Power-Off State
−0.5V to 5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Supply Voltage
Military
+4.5V to +5.5V
Minimum Input Edge Rate
(
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
Note 1: Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol
Parameter
ABT574
Units
V
CC
Conditions
Min
Typ
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA
V
OH
Output HIGH Voltage
54ABT
2.5
V
Min
I
OH = −3 mA
54ABT
2.0
V
Min
I
OH = −24 mA
V
OL
Output LOW Voltage
54ABT
0.55
V
Min
I
OL = 48 mA
I
IH
Input HIGH Current
5
µA
Max
V
IN = 2.7V (Note 4)
5V
IN = VCC
I
BVI
Input HIGH Current Breakdown Test
7
µA
Max
V
IN = 7.0V
I
IL
Input LOW Current
−5
µA
Max
V
IN = 0.5V (Note 4)
−5
V
IN = 0.0V
V
ID
Input Leakage Test
4.75
V
0.0
I
ID = 1.9 µA
All Other Pins Grounded
I
OZH
Output Leakage Current
50
µA
0 − 5.5V
V
OUT = 2.7V; OE = 2.0V
I
OZL
Output Leakage Current
−50
µA
0 − 5.5V
V
OUT = 0.5V; OE = 2.0V
I
OS
Output Short-Circuit Current
−100
−275
mA
Max
V
OUT = 0.0V
I
CEX
Output High Leakage Current
50
µA
Max
V
OUT = VCC
I
ZZ
Bus Drainage Test
100
µA
0.0
V
OUT = 5.5V; All Other GND
I
CCH
Power Supply Current
50
µA
Max
All Outputs HIGH
I
CCL
Power Supply Current
30
mA
Max
All Outputs LOW
I
CCZ
Power Supply Current
50
µA
Max
OE = V
CC
All Others at V
CC or GND
I
CCT
Additional I
CC/Input
Outputs Enabled
2.5
mA
V
I = VCC − 2.1V
Outputs TRI-STATE
2.5
mA
Max
Enable Input V
I = VCC − 2.1V
Outputs TRI-STATE
2.5
mA
Data Input V
I = VCC − 2.1V
All Others at V
CC or GND
I
CCD
Dynamic I
CC
No Load
mA/
Max
Outputs Open, OE = GND,
(Note 4)
0.30
MHz
One Bit Toggling (Note 3),
50% Duty Cycle
Note 3: For 8-bit toggling, ICCD < 0.8 mA/MHz.
Note 4: Guaranteed, but not tested.
3
www.national.com


Número de pieza similar - 54ABT574

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ABT573 NSC-54ABT573 Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573E-QML NSC-54ABT573E-QML Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573J-QML NSC-54ABT573J-QML Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573W-QML NSC-54ABT573W-QML Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
More results

Descripción similar - 54ABT574

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT564 NSC-54ACT564 Datasheet
131Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com