Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL082-N Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TL082-N
Descripción Electrónicos  Wide Bandwidth Dual JFET Input Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL082-N Datasheet(HTML) 2 Page - Texas Instruments

  TL082-N_13 Datasheet HTML 1Page - Texas Instruments TL082-N_13 Datasheet HTML 2Page - Texas Instruments TL082-N_13 Datasheet HTML 3Page - Texas Instruments TL082-N_13 Datasheet HTML 4Page - Texas Instruments TL082-N_13 Datasheet HTML 5Page - Texas Instruments TL082-N_13 Datasheet HTML 6Page - Texas Instruments TL082-N_13 Datasheet HTML 7Page - Texas Instruments TL082-N_13 Datasheet HTML 8Page - Texas Instruments TL082-N_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TL082-N
SNOSBW5C – APRIL 1998 – REVISED APRIL 2013
www.ti.com
Simplified Schematic
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
±18V
Power Dissipation(3)
(4)
Operating Temperature Range
0°C to +70°C
Tj(MAX)
150°C
Differential Input Voltage
±30V
Input Voltage Range (5)
±15V
Output Short Circuit Duration
Continuous
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 10 seconds)
260°C
ESD rating to be determined.
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The power dissipation limit, however, cannot be exceeded.
(4)
For operating at elevated temperature, the device must be derated based on a thermal resistance of 115°C/W junction to ambient for the
P0008E package.
(5)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: TL082-N


Número de pieza similar - TL082-N_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
[Old version datasheet]   TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
More results

Descripción similar - TL082-N_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF353 NSC-LF353 Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
TL082 NSC-TL082 Datasheet
821Kb / 12P
   Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
[Old version datasheet]   TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
LF353 TI1-LF353 Datasheet
633Kb / 16P
[Old version datasheet]   LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
   LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
Texas Instruments
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
LF351 TI1-LF351 Datasheet
449Kb / 14P
[Old version datasheet]   LF351 Wide Bandwidth JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com