Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCBN425QB1C01 Datasheet(PDF) 4 Page - Finisar Corporation.

No. de pieza FCBN425QB1C01
Descripción Electrónicos  PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1C01 Datasheet(HTML) 4 Page - Finisar Corporation.

  FCBN425QB1C01 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1C01 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1C01 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1C01 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1C01 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1C01 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1C01 Datasheet HTML 7Page - Finisar Corporation. FCBN425QB1C01 Datasheet HTML 8Page - Finisar Corporation. FCBN425QB1C01 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FCBN425QB1Cxx PRELIMINARY Product Specification – September 2015
 Finisar Corporation – 8-Sep-15 Rev A7 Preliminary
Page 4
III.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc1,
VccTx,
VccRx
-0.5
3.6
V
Storage Temperature
TS
-40
85
C
1
Case Operating Temperature
TOP
0
70
C
Relative Humidity
RH
0
85
%
2
Notes:
1.
Assumes no mechanical load force on the unit. Ensuring no mechanical load force requires a cable bend
radius of >105 mm within 100 mm of either cable end module and >60 mm on the rest of the cable.
2.
Non-condensing.
IV.
Electrical Characteristics (TOP = 0 to 70C, VCC = 3.3 ± 5% Volts)
NOTE: The Quadwire EDR requires an electrical connector compliant with SFF-8662 or SFF-8672 be used on
the host board to guarantee its electrical interface specification. Please check with your connector supplier.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc1,
VccTx,
VccRx
3.15
3.45
V
Supply Current
Icc
TBD
mA
Power Dissipation per cable end
P
3.5
W
1, 2
Link Turn-On Time
Transmit turn-on time
2000
ms
3
Transmitter (per Lane)
Single ended input voltage tolerance
VinT
V
Differential data input swing
Vin,pp
mVpp
Differential input threshold
mV
AC common mode input voltage tolerance
(RMS)
mV
Differential input return loss
dB
J2 Jitter Tolerance
Jt2
UI
4
J9 Jitter Tolerance
Jt9
UI
4
Data Dependent Pulse Width Shrinkage
DDPWS
UI
Eye mask coordinates {X1, X2
Y1, Y2}
UI
mV
Receiver (per Lane)
Single-ended output voltage
V
Differential data output swing
Vout,pp
mVpp
AC common mode output voltage (RMS)
mV
Termination mismatch at 1 MHx
%
Differential output return loss
dB
Common mode output return loss
dB
Output transition time, 20% to 80%
ps
J2 Jitter output
Jo2
UI
4
J9 Jitter output
Jo9
UI
4
Eye mask coordinates {X1, X2
Y1, Y2}
UI
mV
Power Supply Ripple Tolerance
PSR
mVpp
Per OIF CEI-28G-VSR
and CAUI-4
requirements
Per OIF CEI-28G-VSR
and CAUI-4
requirements


Número de pieza similar - FCBN425QB1C01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FCBN425QB1C01 FINISAR-FCBN425QB1C01 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
More results

Descripción similar - FCBN425QB1C01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
Finisar Corporation.
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com