Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK77P18E160GB-4E Datasheet(PDF) 10 Page - Sony Corporation

No. de pieza CXK77P18E160GB-4E
Descripción Electrónicos  16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77P18E160GB-4E Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXK77P18E160GB-4E Datasheet HTML 6Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 7Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 8Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 9Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 10Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 11Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 12Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 13Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SONY®
CXK77P36E160GB / CXK77P18E160GB
Preliminary
16Mb LW R-L and 8Mb LW R-L w/ EC, rev 1.1
10 / 25
March 2, 2001
AC Electrical Characteristics (Guaranteed By Design)
1. This parameter is applicable when tKHQV ≤ 3.8ns.
2. This parameter is measured at the gate of the output driver of the SRAM.
3. Please refer to the previous page (p. 9) of this document for information concerning to what specification this parameter
is tested.
Parameter
Symbol
-4
Units
Notes
Min
Max
K Clock High to Output High-Z
tKHQZ
tKHQV - 2.4
2.0
ns
1,2,3


Número de pieza similar - CXK77P18E160GB-4E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK77B1810AGB SONY-CXK77B1810AGB Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-5 SONY-CXK77B1810AGB-5 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-6 SONY-CXK77B1810AGB-6 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB- SONY-CXK77B3610GB- Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB-6 SONY-CXK77B3610GB-6 Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
More results

Descripción similar - CXK77P18E160GB-4E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Sony Corporation
CXK77K36R320GB SONY-CXK77K36R320GB Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K18R320GB SONY-CXK77K18R320GB Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com