Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG4N60SK3 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMG4N60SK3
Descripción Electrónicos  600V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG4N60SK3 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMG4N60SK3 Datasheet HTML 1Page - Diodes Incorporated DMG4N60SK3 Datasheet HTML 2Page - Diodes Incorporated DMG4N60SK3 Datasheet HTML 3Page - Diodes Incorporated DMG4N60SK3 Datasheet HTML 4Page - Diodes Incorporated DMG4N60SK3 Datasheet HTML 5Page - Diodes Incorporated DMG4N60SK3 Datasheet HTML 6Page - Diodes Incorporated DMG4N60SK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMG4N60SK3
Document number: DS37697 Rev. 2 - 2
4 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMG4N60SK3
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
ID=1mA
ID=250A
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
VGS=10V, ID=2A
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
1
2
3
4
5
6
7
8
9
10
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
VGS=0V,
TA=-55℃
VGS=0V, TA=25℃
VGS=0V, TA=85℃
VGS=0V, TA=125℃
VGS=0V, TA=150℃
0
2
4
6
8
10
0
3
6
9
12
15
Qg, TOTAL GATE CHARGE (nC)
Figure 11. Gate Charge
VDS=480V, ID=4A
0.01
0.1
1
10
1
10
100
1000
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J,(MAX)=150℃
T
C=25℃
Single Pulse
DUT on infinite heatsink
V
GS=10V
R
DS(ON) Limited
PW=1s
PW=100ms
PW=10ms
PW=1ms
PW=100s
PW=10s
PW=1s


Número de pieza similar - DMG4N60SK3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
DMG4N60SK3 ISC-DMG4N60SK3 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - DMG4N60SK3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
PJP8N60 PANJIT-PJP8N60 Datasheet
181Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJN1N60D PANJIT-PJN1N60D Datasheet
203Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
PJP4N60 PANJIT-PJP4N60 Datasheet
225Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP5N60 PANJIT-PJP5N60 Datasheet
193Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN127KN3 CYSTEKEC-MTN127KN3 Datasheet
429Kb / 9P
   600V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com