Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU5281SGGR Datasheet(PDF) 11 Page - Rohm

No. de pieza BU5281SGGR
Descripción Electrónicos  Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU5281SGGR Datasheet(HTML) 11 Page - Rohm

Back Button BU5281SGGR Datasheet HTML 7Page - Rohm BU5281SGGR Datasheet HTML 8Page - Rohm BU5281SGGR Datasheet HTML 9Page - Rohm BU5281SGGR Datasheet HTML 10Page - Rohm BU5281SGGR Datasheet HTML 11Page - Rohm BU5281SGGR Datasheet HTML 12Page - Rohm BU5281SGGR Datasheet HTML 13Page - Rohm BU5281SGGR Datasheet HTML 14Page - Rohm BU5281SGGR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200340-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
11/19
6.SEP.2013 Rev.001
TSZ22111・15・001
BU5281G
BU5281SG
Typical Performance Curves - continued
○BU5281G, BU5281SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU5281G: -40°C to +85
°C BU5281SG: -40°C to +105°C
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
20
40
60
80
100
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency [Hz]
0
50
100
150
200
Figure 22.
Slew Rate L-H vs Ambient Temperature
Figure 23.
Slew Rate H-L vs Ambient Temperature
Figure 24.
Voltage Gain・Phase vs Frequency
5.5V
1.8V
3.0V
5.5V
1.8V
3.0V
Phase
Gain
1
10
10
2
10
3
10
4
10
5
10
6
10
7
10
8


Número de pieza similar - BU5281SGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU5281SG ROHM-BU5281SG Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281SG ROHM-BU5281SG Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU5281SG ROHM-BU5281SG Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
More results

Descripción similar - BU5281SGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com