Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMJ70H1D3SH3 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza DMJ70H1D3SH3
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMJ70H1D3SH3 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMJ70H1D3SH3 Datasheet HTML 1Page - Diodes Incorporated DMJ70H1D3SH3 Datasheet HTML 2Page - Diodes Incorporated DMJ70H1D3SH3 Datasheet HTML 3Page - Diodes Incorporated DMJ70H1D3SH3 Datasheet HTML 4Page - Diodes Incorporated DMJ70H1D3SH3 Datasheet HTML 5Page - Diodes Incorporated DMJ70H1D3SH3 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMJ70H1D3SH3
Document number: DS38306 Rev. 1 - 2
5 of 6
www.diodes.com
November 2015
© Diodes Incorporated
DMJ70H1D3SH3
0.001
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
t1, PULSE DURATION TIMES (sec)
Figure 13 Transient Thermal Resistance
R
(t) = r(t) * R
JC
JC
R
= 3.3°C/W
JC
Duty Cycle, D = t1/ t2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
D = 0.9
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
D
L3
Ø1.2x0.1
TOP E-MARK
E
b3
b2
01
L4
A
k
02
L5
TO251
(Type TH3)
Dim
Min
Max
Typ
A
2.20
2.40
2.30
A2
0.97
1.17
1.07
b
0.68
0.90
0.78
b2
0.76
0.95
0.84
b3
5.20
5.50
5.33
c
0.43
0.63
0.53
D
5.98
6.22
6.10
D1
5.30 REF
D2
5.26
5.66
5.46
e
2.286 BSC
E
6.40
6.80
6.60
E1
4.63
5.03
4.83
H
9.40
9.85
9.62
k
0.40REF
L1
2.30
2.70
2.50
L3
0.88
1.28
1.02
L4
0.75 REF
L5
1.65
1.95
1.80
θ1
θ2
All Dimensions in mm


Número de pieza similar - DMJ70H1D3SH3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
DMJ70H1D3SH3 ISC-DMJ70H1D3SH3 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - DMJ70H1D3SH3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com