Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Q2000-AVR4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza Q2000-AVR4
Descripción Electrónicos  DC Voltmeter, Ammeter, Indicator/ Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

Q2000-AVR4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  Q2000-AVR4 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q2000-AVR4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
* Refer to chart above for code options.
Ordering Example: Q2002-AVR2, 312 digit, red LED, 120 Vac power, 1mv/count, DC voltage between -1.999 V and 1.999 V.
Common Mode
Voltage: 1500 Vp test (354 Vp per IEC spacing)
Rejection (DC to 60 Hz): 120 dB
NMR 50/60 Hz: 75 dB (Q2), 130 dB (Q9)
Environmental
Operating Temperature: 0 to 60°C (32 to 140°F)
Storage Temperature: -40 to 85°C (-40 to 185°F)
Humidity: 95% RH, non-condensing@ 40°C (104°F)
Mechanical
Bezel: 96 W x 48 H x 8 mm D (3.78 x 1.89 x 0.31")
Depth Behind Bezel: 139.8 mm (5.50")
Panel Cutout: 92 W x 45 mm H (3.62 x 1.77")
Weight: 17 oz (480 g)
Case Material: 94V-0 UL-rated polycarbonate
To Order Visit newportUS.com/q2000a_b for Pricing and Details
Model No.
Description
Q2 3½-Digit for ±1999 Count
Q9 4-Digit for ±9999 Count
0
0
0
-X
A. Power and Display
0
LED; 120 Vac (50/60 Hz)
1
LCD; 120 Vac (50/60 Hz) (Q2000 only)
2
LED; 240 Vac (50/60 Hz)
3
LCD; 240 Vac (50/60 Hz) (Q2000 only)
4
LED; 9 to 32 Vdc, isolated
5
LCD; 9 to 32 Vdc, isolated (Q2000 only)
6
LED; 5 Vdc
7
LCD; 5 Vdc (Q2000 only)
8
LED; 24 Vac
9
LCD; 24 Vac (Q2000 only)
A
LED; 26 to 56 Vdc, isolated
B
LCD; 26 to 56 Vdc, isolated (Q2000 only)
B. Analog Outputs
0
1 mV/count (Q2000) or 0.1 mV (Q9000) (supplied on all units)
1
0 to 5 Vdc
2
0 to 10 Vdc
3
0 to 1 mA (internally driven)
4
4 to 20 mA (internally driven)
5
4 to 20 mA (externally driven)
6
4 to 20 mA (isolated)
C. Control Outputs
0
None
1
Dual setpoint, 10 A relay (SPDT)
2
Proportional 4 to 20 mA
3
Proportional/time proportioning, 2 A relay
4
Parallel BCD, isolated
5
Single setpoint, 10 A relay (SPDT)
D. Signal Conditioner Inputs
-A(*)
DC voltage
-B(*)
DC current
Additional Options
,G
Green LED display
,BL
Lens without Newport logo in lieu of standard lens
Ordering Example: Q2000-BCR3, LED 120 Vac, 1 µA/count, DC
current between -1.999 mA and 1.999 mA.
Code
*
Q2000
Range
Q9000
Range
Input
Imped
Q2000
Res
Q9000
Res
ACC
@25°C
AVR1 ±199.9 mV ±99.99 mV 1 G
Ω 0.1 mV 0.01 mV ±0.05%
of Rdg
±1 (Q2)
±2 (Q9)
counts
AVR2
±1.999 V ±999.9 mV 1 M
Ω 1 mV 0.1 mV
AVR3
±19.99 V
±9.999 V
1 M
Ω 10 mV 1 mV
AVR4
±199.9 V
±99.99 V
1 M
Ω 100 mV 10 mV
Code
*
Q2000
Range
Q9000
Range
Input
Imped
Q2000
Res
Q9000
Res
ACC
@25°C
BCR1 ±19.99 µA ±9.999 µA 10 k
Ω 0.01 µA 1 nA
±0.05% of
Rdg
±1 (Q2)
±2 (Q9)
counts
BCR2 ±199.9 µA ±99.99 µA
1 k
Ω 0.1 µA 10 nA
BCR3 ±1.999 mA ±999.9 µA 100
Ω 1 µA 100 nA
BCR4 ±19.99 mA ±9.999 mA
10
Ω 10 µA 1 µA
BCR5 ±199.9 mA ±99.99 mA
1
Ω 100 µA 10 µA
BCR6
±1.999 A ±999.9 mA 0.1
Ω 1 mA 100 µA
DC Voltage Inputs
A Series
DC Currents Inputs
B Series


Número de pieza similar - Q2000-AVR4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
Q2004D3 LITTELFUSE-Q2004D3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
logo
New Jersey Semi-Conduct...
Q2004D3 NJSEMI-Q2004D3 Datasheet
511Kb / 5P
   RoHS Compliant
logo
Littelfuse
Q2004D4 LITTELFUSE-Q2004D4 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
logo
New Jersey Semi-Conduct...
Q2004D4 NJSEMI-Q2004D4 Datasheet
511Kb / 5P
   RoHS Compliant
logo
Littelfuse
Q2004F31 LITTELFUSE-Q2004F31 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
More results

Descripción similar - Q2000-AVR4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahikeiki Co.,Ltd.
AP-310 ASAHI-AP-310 Datasheet
48Kb / 1P
   DC VOLTMETER & AMMETER
logo
Carlo Gavazzi Holding A...
LDI3AV6D CARLOGAVAZZI-LDI3AV6D Datasheet
54Kb / 2P
   Panel Meters and Controllers DC Ammeter and Voltmeter
DI3DINAV1 CARLOGAVAZZI-DI3DINAV1 Datasheet
64Kb / 2P
   Panel Meters and Controllers AC Ammeter or Voltmeter
DI372AV1 CARLOGAVAZZI-DI372AV1 Datasheet
62Kb / 3P
   Panel Meters and Controllers AC Ammeter or Voltmeter
logo
List of Unclassifed Man...
DI3DIN ETC2-DI3DIN Datasheet
63Kb / 2P
   Panel Meters and Controllers AC Ammeter or Voltmeter
DI372AV5 ETC2-DI372AV5 Datasheet
61Kb / 3P
   Panel Meters and Controllers AC Ammeter or Voltmeter
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
   DC Ammeter Shunts
logo
C&B ELECTRONICS (SHENZH...
RTCS10K0 RESI-RTCS10K0 Datasheet
643Kb / 3P
   Precision DC Ammeter Shunt
2022/12/26
RTBS0050 RESI-RTBS0050 Datasheet
864Kb / 3P
   Precision DC Ammeter Shunt
2022/12/26
RTCS0500 RESI-RTCS0500 Datasheet
936Kb / 3P
   Precision DC Ammeter Shunt
2022/12/26
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com