Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM139 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM139
Descripción Electrónicos  Quad Differential Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM139 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM139_15 Datasheet HTML 5Page - Texas Instruments LM139_15 Datasheet HTML 6Page - Texas Instruments LM139_15 Datasheet HTML 7Page - Texas Instruments LM139_15 Datasheet HTML 8Page - Texas Instruments LM139_15 Datasheet HTML 9Page - Texas Instruments LM139_15 Datasheet HTML 10Page - Texas Instruments LM139_15 Datasheet HTML 11Page - Texas Instruments LM139_15 Datasheet HTML 12Page - Texas Instruments LM139_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
-1
0
1
2
3
4
5
6
-0.3
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25
t – Time – µs
Overdrive = 5 mV
Overdrive = 100 mV
Overdrive = 20 mV
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
IO – Output Sink Current – mA
T = –55°C
A
T = 25°C
A
T = 125°C
A
-1
0
1
2
3
4
5
6
-0.3
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25
t – Time – µs
Overdrive = 5 mV
Overdrive = 100 mV
Overdrive = 20 mV
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
LM139, LM239, LM339, LM139A
LM239A, LM339A, LM2901, LM2901AV, LM2901V
www.ti.com
SLCS006T – OCTOBER 1979 – REVISED JUNE 2015
7.12 Typical Characteristics
Figure 1. Supply Current vs Supply Voltage
Figure 2. Input Bias Current vs Supply Voltage
Figure 4. Response Time for Various Overdrives
Figure 3. Output Saturation Voltage
Negative Transition
Figure 5. Response Time for Various Overdrives
Positive Transition
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V


Número de pieza similar - LM139_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Descripción similar - LM139_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com