Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM311DE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM311DE4
Descripción Electrónicos  Quad Differential Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM311DE4 Datasheet(HTML) 3 Page - Texas Instruments

  LM311DE4 Datasheet HTML 1Page - Texas Instruments LM311DE4 Datasheet HTML 2Page - Texas Instruments LM311DE4 Datasheet HTML 3Page - Texas Instruments LM311DE4 Datasheet HTML 4Page - Texas Instruments LM311DE4 Datasheet HTML 5Page - Texas Instruments LM311DE4 Datasheet HTML 6Page - Texas Instruments LM311DE4 Datasheet HTML 7Page - Texas Instruments LM311DE4 Datasheet HTML 8Page - Texas Instruments LM311DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
COL OUT
NC
BAL/STRB
NC
NC
IN+
NC
IN−
NC
1
2
3
4
8
7
6
5
EMIT OUT
IN+
IN−
VCC−
VCC+
COL OUT
BAL/STRB
BALANCE
LM111, LM211, LM311
www.ti.com
SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015
5 Pin Configuration and Functions
D, JG, P, PS, or PW Package
FK Package
8-Pin SOIC, CDIP, PDIP, SOP or TSSOP
20-Pin LCCC(1)
Top View
Top View
(1) NC = No internal connection
Pin Functions
PIN
SOIC, CDIP,
I/O(1)
DESCRIPTION
NAME
PDIP, SOP,
LCCC
TSSOP
1IN+
2
5
I
Noninverting comparator
1IN–
3
7
I
Inverting input comparator
BALANCE
5
12
I
Balance
BAL/STRB
6
15
I
Strobe
COL OUT
7
17
O
Output collector comparator
EMIT OUT
1
2
O
Output emitter comparator
VCC
4
10
Negative supply
VCC+
8
20
Positive supply
1
3
4
6
8
9
NC
No connect (No internal connection)
11
13
14
16
18
19
(1)
I = Input, O = Output
Copyright © 1973–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM111 LM211 LM311


Número de pieza similar - LM311DE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM311DE4 TI-LM311DE4 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DE4 TI1-LM311DE4 Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DE4 TI1-LM311DE4 Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
More results

Descripción similar - LM311DE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com