Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ULN2801A Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza ULN2801A
Descripción Electrónicos  Eight Darlington array
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2801A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ULN2801A Datasheet HTML 2Page - STMicroelectronics ULN2801A Datasheet HTML 3Page - STMicroelectronics ULN2801A Datasheet HTML 4Page - STMicroelectronics ULN2801A Datasheet HTML 5Page - STMicroelectronics ULN2801A Datasheet HTML 6Page - STMicroelectronics ULN2801A Datasheet HTML 7Page - STMicroelectronics ULN2801A Datasheet HTML 8Page - STMicroelectronics ULN2801A Datasheet HTML 9Page - STMicroelectronics ULN2801A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
ULN2801A, ULN2802A, ULN2803A, ULN2804A
6/14
Doc ID 1536 Rev 3
4
Electrical characteristics
TA = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ICEX
Output leakage current
VCE = 50V
µA
TA = 70°C, VCE= 50V (Figure 3)50
TA = 70°C for ULN2802A, VCE= 50V,
VI = 6V (Figure 4)
100
TA = 70°C for ULN2804A, VCE= 50V,
VI = 1V (Figure 4)
500
VCE(SAT)
Collector-emitter saturation
voltage (
Figure 5)
IC = 100mA, IB = 250µA
0.9
1.1
V
IC = 200mA, IB= 350µA
1.1
1.3
IC = 350mA, IB= 500µA
1.3
1.6
II(ON)
Input current (
Figure 6)
for ULN2802A, VI = 17V
0.82
1.25
mA
for ULN2803A, VI = 3.85V
0.93
1.35
for ULN2804A, VI = 5V
0.35
0.5
VI = 12V
1
1.45
II(OFF)
Input current (
Figure 7)TA = 70°C, IC = 500µA
50
65
µA
VI(ON)
Input voltage (
Figure 8)
VCE= 2V, for ULN2802A
IC = 300mA
for ULN2803A
IC = 200mA
IC = 250mA
IC = 300mA
for ULN2804A
IC = 125mA
IC = 200mA
IC = 275mA
IC = 350mA
13
2.4
2.7
3
5
6
7
8
V
hFE
DC Forward current gain
(
Figure 5)
for ULN2801A, VCE = 2V,
IC = 350mA
1000
CI
Input capacitance
15
25
pF
tPLH
Turn-on delay time
0.5 VI to 0.5VO
0.25
1
µs
tPHL
Turn-off delay time
0.5 VI to 0.5VO
0.25
1
µs
IR
Clamp diode leakage current
(
Figure 9)
VR = 50V
50
µA
TA = 70°C, VR = 50V
100
VF
Clamp diode forward voltage
(
Figure 10)
IF = 350mA
1.7
2
V


Número de pieza similar - ULN2801A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ULN2803 ONSEMI-ULN2803 Datasheet
85Kb / 6P
   OCTAL PERIPHERAL DRIVER ARRAYS
REV 1
logo
Unisonic Technologies
ULN2803 UTC-ULN2803 Datasheet
218Kb / 7P
   EIGHT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
Tiger Electronic Co.,Lt...
ULN2803 TGS-ULN2803 Datasheet
689Kb / 6P
   Octal High Voltage,High Current Darlington Transistor Arrays
logo
Unisonic Technologies
ULN2803 UTC-ULN2803 Datasheet
208Kb / 6P
   EIGHT DARLINGTON ARRAYS
More results

Descripción similar - ULN2801A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ULQ2801 STMICROELECTRONICS-ULQ2801 Datasheet
228Kb / 13P
   Eight Darlington array
ULQ2801 STMICROELECTRONICS-ULQ2801_08 Datasheet
228Kb / 13P
   Eight Darlington array
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
   EIGHT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803_15 Datasheet
312Kb / 7P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803 Datasheet
218Kb / 7P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803_18 Datasheet
301Kb / 6P
   EIGHT DARLINGTON ARRAYS
logo
Silicon Standard Corp.
SS62803 SSC-SS62803 Datasheet
181Kb / 6P
   Eight-channel Darlington Drivers
logo
Alpha & Omega Semicondu...
AOZ8208 AOSMD-AOZ8208 Datasheet
385Kb / 8P
   Eight-line TVS Diode Array
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
143Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com