Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM393PE4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
LM393PE4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 25 page LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015 www.ti.com 6.6 Electrical Characteristics for LMx93A at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM293A LM393A PARAMETER TEST CONDITIONS TA (1) UNIT MIN TYP MAX 25°C 1 2 VCC = 5 V to 30 V, VO = 1.4 V VIO Input offset voltage mV VIC = VICR(min) Full range 4 25°C 5 50 IIO Input offset current VO = 1.4 V nA Full range 150 25°C –25 –250 IIB Input bias current VO = 1.4 V nA Full range –400 0 to 25°C VCC – 1.5 VICR Common-mode input-voltage range(2) V 0 to Full range VCC – 2 Large-signal differential-voltage VCC = 15 V, VO = 1.4 V to 11.4 V, AVD 25°C 50 200 V/mV amplification RL ≥ 15 kΩ to VCC VOH = 5 V, VID = 1 V 25°C 0.1 50 nA IOH High-level output current VOH = 30 V, VID = 1 V Full range 1 μA 25°C 150 400 VOL Low-level output voltage IOL = 4 mA, VID = –1 V mV Full range 700 IOL Low-level output current VOL = 1.5 V, VID = –1 V, 25°C 6 mA VCC = 5 V 25°C 0.8 1 Supply current ICC RL = ∞ mA (four comparators) VCC = 30 V Full range 2.5 (1) Full range (minimum or maximum) for LM293A is 25°C to 85°C, and for LM393A is 0°C to 70°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (2) The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common- mode voltage range is VCC+ – 1.5 V, but either or both inputs can go to 30 V without damage. 6 Submit Documentation Feedback Copyright © 1979–2015, Texas Instruments Incorporated Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V |
Número de pieza similar - LM393PE4 |
|
Descripción similar - LM393PE4 |