Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMC6070LND-13 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMC6070LND-13
Descripción Electrónicos  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC6070LND-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC6070LND-13 Datasheet HTML 1Page - Diodes Incorporated DMC6070LND-13 Datasheet HTML 2Page - Diodes Incorporated DMC6070LND-13 Datasheet HTML 3Page - Diodes Incorporated DMC6070LND-13 Datasheet HTML 4Page - Diodes Incorporated DMC6070LND-13 Datasheet HTML 5Page - Diodes Incorporated DMC6070LND-13 Datasheet HTML 6Page - Diodes Incorporated DMC6070LND-13 Datasheet HTML 7Page - Diodes Incorporated DMC6070LND-13 Datasheet HTML 8Page - Diodes Incorporated DMC6070LND-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DMC6070LND
Document number: DS38051 Rev. 2 - 2
3 of 12
www.diodes.com
September 2015
© Diodes Incorporated
DMC6070LND
Electrical Characteristics Q1 N-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
1
μA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
1
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
60
85
m
VGS = 10V, ID = 1.5A
72
120
VGS = 4.5V, ID = 0.5A
Forward Transfer Admittance
|Yfs|
3.7
S
VDS = 5V, ID = 1.5A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 3A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
731
pF
VDS = 20V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
34
pF
Reverse Transfer Capacitance
Crss
23
pF
Gate Resistance
Rg
1.3
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 10V)
Qg
11.5
nC
VDS = 30V, ID = 3A
Total Gate Charge (VGS = 4.5V)
Qg
5.2
nC
Gate-Source Charge
Qgs
2.1
nC
Gate-Drain Charge
Qgd
1.5
nC
Turn-On Delay Time
tD(ON)
9.6
ns
VGS = 10V, VDS = 30V,
RG = 50Ω, RL = 20Ω
Turn-On Rise Time
tR
11
ns
Turn-Off Delay Time
tD(OFF)
61
ns
Turn-Off Fall Time
tF
21
ns
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to production testing.


Número de pieza similar - DMC6070LND-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMC6070LFDH DIODES-DMC6070LFDH Datasheet
657Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
December 2014 Rev. 7 - 3
DMC6070LFDH-7 DIODES-DMC6070LFDH-7 Datasheet
657Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
December 2014 Rev. 7 - 3
More results

Descripción similar - DMC6070LND-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com