Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3306-15 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS3306-15
Descripción Electrónicos  Qualified for Automotive Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3306-15 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3306-15 Datasheet HTML 6Page - Texas Instruments TPS3306-15 Datasheet HTML 7Page - Texas Instruments TPS3306-15 Datasheet HTML 8Page - Texas Instruments TPS3306-15 Datasheet HTML 9Page - Texas Instruments TPS3306-15 Datasheet HTML 10Page - Texas Instruments TPS3306-15 Datasheet HTML 11Page - Texas Instruments TPS3306-15 Datasheet HTML 12Page - Texas Instruments TPS3306-15 Datasheet HTML 13Page - Texas Instruments TPS3306-15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Mar-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS3306-15QDRG4Q1
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
615Q1
TPS3306-15QDRQ1
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
615Q1
TPS3306-18QDRG4Q1
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
618Q1
TPS3306-18QDRQ1
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
618Q1
TPS3306-20QDRG4Q1
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
620Q1
TPS3306-20QDRQ1
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
-40 to 125
TPS3306-25QDRG4Q1
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
625Q1
TPS3306-25QDRQ1
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
-40 to 125
TPS3306-33QDRG4Q1
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
633Q1
TPS3306-33QDRQ1
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
633Q1
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Número de pieza similar - TPS3306-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Descripción similar - TPS3306-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
   Qualified for automotive applications
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
SN74LVC04AQPWRQ1 TI-SN74LVC04AQPWRQ1 Datasheet
760Kb / 12P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-2 PETERMANN-SMD0507-2_15 Datasheet
518Kb / 4P
   Qualified for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com