Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3306-25 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS3306-25
Descripción Electrónicos  Qualified for Automotive Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3306-25 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3306-25 Datasheet HTML 1Page - Texas Instruments TPS3306-25 Datasheet HTML 2Page - Texas Instruments TPS3306-25 Datasheet HTML 3Page - Texas Instruments TPS3306-25 Datasheet HTML 4Page - Texas Instruments TPS3306-25 Datasheet HTML 5Page - Texas Instruments TPS3306-25 Datasheet HTML 6Page - Texas Instruments TPS3306-25 Datasheet HTML 7Page - Texas Instruments TPS3306-25 Datasheet HTML 8Page - Texas Instruments TPS3306-25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TPS330615Q1, TPS330618Q1, TPS330620Q1, TPS330625Q1, TPS330633Q1
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
SGLS241B − MARCH 2004 − REVISED APRIL 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The various supervisory circuits are designed to monitor the nominal supply voltage, as shown in the following
supply-voltage monitoring table.
SUPPLY-VOLTAGE MONITORING
DEVICE
NOMINAL SUPERVISED VOLTAGE
THRESHOLD VOLTAGE (TYP)
DEVICE
SENSE1
SENSE2
SENSE1
SENSE2
TPS3306-15
3.3 V
1.5 V
2.93 V
1.4 V
TPS3306-18
3.3 V
1.8 V
2.93 V
1.68 V
TPS3306-20
3.3 V
2 V
2.93 V
1.85 V
TPS3306-25
3.3 V
2.5 V
2.93 V
2.25 V
TPS3306-33
5 V
3.3 V
4.55 V
2.93 V
During power on, RESET is asserted when the supply voltage, VDD, becomes higher than 1.1 V. Thereafter, the
supervisory circuits monitor the SENSEn inputs and keep RESET active as long as SENSEn remains below
the threshold voltage, VIT.
An internal timer delays the return of the RESET output to the inactive state (high) to ensure proper system reset.
The delay time, td(typ) = 100 ms, starts after SENSE1 and SENSE2 inputs have risen above VIT. When the
voltage at SENSE1 or SENSE2 input drops below the VIT, the output becomes active (low) again.
The integrated power-fail (PFI) comparator with separate open-drain (PFO) output can be used for low-battery
detection, power-fail warning, or for monitoring a power supply other than the main supply.
The TPS3306-xx devices integrate a watchdog timer that is periodically triggered by a positive or negative
transition of the watch-dog timer (WDI). When the supervising system fails to retrigger the watchdog circuit
within the time-out interval, tt(out) = 0.50 s, RESET becomes active for the time period td . This event also
reinitializes the watchdog timer. Leaving WDI unconnected disables the watchdog.
The TPS3306-xx devices are available in standard 8-pin SO packages.
The TPS3306-xxQ family is characterized for operation over a temperature range of −40
°C to 125°C.
AVAILABLE OPTIONS{
TA
PACKAGED DEVICES}
TOP-SIDE
TA
SMALL OUTLINE (D)
TOP-SIDE
MARKING
Tape and reel
TPS3306-15QDRQ1
615Q1
Tape and reel
TPS3306-18QDRQ1
618Q1
−40
_C to 125_C
Tape and reel
TPS3306-20QDRQ1
620Q1
−40 C to 125 C
Tape and reel
TPS3306-25QDRQ1
625Q1
Tape and reel
TPS3306-33QDRQ1
633Q1
† For the most current package and ordering information, see the Package Option Addendum
at the end of this document, or see the TI web site at http://www.ti.com.
‡ Package
drawings,
thermal
data,
and
symbolization
are
available
at
http://www.ti.com/packaging.


Número de pieza similar - TPS3306-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3306-25 TI-TPS3306-25 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-25 TI-TPS3306-25 Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-25 TI1-TPS3306-25 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-25 TI1-TPS3306-25 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-25-Q1 TI-TPS3306-25-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Descripción similar - TPS3306-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
   Qualified for automotive applications
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
SN74LVC04AQPWRQ1 TI-SN74LVC04AQPWRQ1 Datasheet
760Kb / 12P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-2 PETERMANN-SMD0507-2_15 Datasheet
518Kb / 4P
   Qualified for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com