Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P-MRJR-578X-X1 Datasheet(PDF) 1 Page - Amphenol Corporation

No. de pieza P-MRJR-578X-X1
Descripción Electrónicos  MRJR SERIES RUGGED MODULAR JACK, RIGHT ANGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MRJR-578X-X1 Datasheet(HTML) 1 Page - Amphenol Corporation

  P-MRJR-578X-X1 Datasheet HTML 1Page - Amphenol Corporation P-MRJR-578X-X1 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SERIES, RUGGED RJ
RECEPTACLE, RIGHT ANGLE,
ON PCB WITH STANDARD RJ, 8 CONTACTS
LED OPTION:
0 = NONE
1 = LEFT GREEN, RIGHT YELLOW
4 = LEFT YELLOW, RIGHT GREEN
5 = LEFT GREEN, RIGHT GREEN
MOUNTING HOLE THREAD OPTION:
0 = #4-40 UNC THREAD
M = M3 X 0.5 THREAD
SINGLE PORT
ORDERING CODE:
1
M R J R - 5 7 8 X - X
SEE ORDERING CODE
SEE ORDERING CODE THREAD OPTION
5.50 [.217] DEEP THREADED HOLES.
RIGHT LED.
LEFT LED
.354
9.00
.945
24.00
4.50
.177
WITH AMPHENOL CANADA FOR DETAILS.
CUSTOMER TO VERIFY THAT ALL PROCESS CLEANERS ARE COMPATIBLE WITH
8.
POLYCARBONATE MATERIAL.
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND
AMENDMENTS
SHELL - DIECAST ZINC, NICKEL PLATED
CONTACTS - PHOSPHOR BRONZE WITH 1.27µm [50µ"] GOLD OVER 1.27µm
[50µ"] MINIMUM NICKEL ON THE MATING AREA AND MATTE TIN OVER NICKEL
ON THE CONTACT TAILS.
INSERTS - ENGINEERING THERMOPLASTIC, UL94V-0 FLAMMABILITY RATING,
REAR INSERTS: BLACK NYLON, FRONT INSERT: CLEAR POLYCARBONATE
PANEL GASKET - CONDUCTIVE SILICONE RUBBER, BLACK
LED'S - EPOXY LENS, STEEL TAILS WITH TIN PLATING
PCB - FR-4 FIBERGLASS, LEAD FREE
STANDARD RJ RECPTACLE: AMPHENOL P/N RJHSE-5F80, PHOSPHOR
BRONZE CONTACTS WITH 1.27µm [50µ"], GOLD OVER NICKEL ON MATING
AREA, BLACK NYLON INSERT AND COPPER ALLOY SHIELD WITH NICKEL
PLATING
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL
2.
BETWEEN MATING AREA AND PCB SIDE OF CONNECTOR. GASKET
PROVIDES SEAL TO INSIDE FACE OF PANEL.
CURRENT RATING: 1.5 AMPERES
3.
CONTACT RESISTANCE: 80 MILLIOHMS MAXIMUM (SUBJECT TO VERIFICATION)
4.
OPERATING TEMPERATURE: -40C TO +105C
5.
LED CHARACTERISTICS: FORWARD DC CURRENT 25 mA MAX, FORWARD
6.
VOLTAGE 2.5V MAX. @ 2 mA
AVAILABLE MATING AREA COVERS PROVIDE ADDED PROTECTION. CONSULT
7.
SPECIAL CONNECTORS
MANY UNIQUE FEATURES ARE READILY AVAILABLE
TO SUIT CUSTOMER REQUIREMENTS.
CONSULT WITH AMPHENOL CANADA FOR DETAILS.
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
JUL24/14
PRODUCT DRAWING (EAR 14296)
B
ANGULAR DEGREES
2
B
SCALE:
REV
DWG.
NO.
6
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-MRJR-578X-X1
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
1
SHEET
THREAD OPTIONS, ROHS COMPLIANT
D.WENG
A
PRODUCT DRAWING (EAR 14150)
JAN07/13
K.L.
DWG SIZE:
STANDARD RJ, 8 CONTACTS, LED &
JACK, RIGHT ANGLE, ON PCB WITH
DRAWING
K.LAMBIE
JAN04/13
JAN07/13
03554
3:1
X
EAR 14150
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
±0.15
ANGLE
THIRD
MRJR SERIES RUGGED MODULAR
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
K.L.
19.05±0.50
.750±.020
.630
16.00
±.010
1.193
±0.25
30.30
39.89±1.00
1.571±.039
1.59
.062
.538
13.67
48.79
1.921
REF
DATE CODE
INK MARKING
3.78
20.48
.806
REF
.551
14.00
.098
2.50
.350
8.90
.709±.010
18.00±0.25
REF
.149
16.70±0.25
.658±.010
DIECAST SHELL
FRONT INSERT
PANEL GASKET
RUGGED 8 POSITION
RECEPTACLE
P.C.B.
STANDARD RJ
RECEPTACLE
(PLUG TAB UP)


Número de pieza similar - P-MRJR-578X-X1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
P-MRJR-53XX-X1 AMPHENOL-P-MRJR-53XX-X1 Datasheet
190Kb / 2P
   SHELL-DIECAST ZINC
P-MRJR-54XX-XF AMPHENOL-P-MRJR-54XX-XF Datasheet
89Kb / 2P
   SHELL-DIECAST ZINC
P-MRJR-55XX-X1 AMPHENOL-P-MRJR-55XX-X1 Datasheet
134Kb / 2P
   CONTACT RESISTANCE
More results

Descripción similar - P-MRJR-578X-X1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adam Technologies, Inc.
MTJ-88TX1-FSD-PG6-M5 ADAM-TECH-MTJ-88TX1-FSD-PG6-M5 Datasheet
98Kb / 1P
   MODULAR JACK RIGHT ANGLE
logo
Molex Electronics Ltd.
0528306235 MOLEX7-0528306235 Datasheet
134Kb / 3P
   Modular Jack, Right Angle, 6/2
0950092647 MOLEX11-0950092647 Datasheet
212Kb / 4P
   Modular Jack, Right Angle, 6/4
0950092667 MOLEX11-0950092667 Datasheet
212Kb / 4P
   Modular Jack, Right Angle, 6/6
0950092447 MOLEX11-0950092447 Datasheet
212Kb / 4P
   Modular Jack, Right Angle, 4/4
logo
Kycon, Inc.
GMX KYCON-GMX Datasheet
1Mb / 1P
   Right Angle Modular Jack, Low Profile
logo
Molex Electronics Ltd.
0950092887 MOLEX11-0950092887 Datasheet
212Kb / 4P
   Modular Jack, Right Angle, 8/8
logo
Amphenol Corporation
MRJR33XXX1 AMPHENOL-MRJR33XXX1 Datasheet
88Kb / 2P
   MRJR SERIES MODULAR JACK, 6 POSITION, 4 OR 6 CONTACTS, RIGHT ANGLE PCB TAIL, LED, THREAD & TAIL LENGTH OPTIONS, RoHS COMPLIANT
logo
Molex Electronics Ltd.
0443800015 MOLEX6-0443800015 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted
logo
Kycon, Inc.
G16LX KYCON-G16LX Datasheet
1Mb / 1P
   Right Angle Modular Jack 5GHZ with LEDS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com