Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVX08 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74LVX08
Descripción Electrónicos  Low Voltage Quad 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX08 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVX08_14 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX08 Rev. 1.5.0
3
DC Electrical Characteristics
Noise Characteristics(2)
Note:
2. Input tr = tf = 3 ns
Symbol
Parameter
VCC
Conditions
TA = 25°C
TA = -40°C to
+85°C
Unit
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
2.0
1.5
1.5
V
3.0
2.0
2.0
3.6
2.4
2.4
VIL
LOW Level Input
Voltage
2.0
0.5
0.5
V
3.0
0.8
0.8
3.6
0.8
0.8
VOH
HIGH Level Output
Voltage
2.0
VIN = VIL or VIH,
IOH = -50 μA
1.9
2.0
1.9
V
3.0
VIN = VIL or VIH,
IOH = -50 μA
2.9
3.0
2.9
VIN = VIL or VIH,
IOH = -4 mA
2.58
2.48
VOL
LOW Level Output
Voltage
2.0
VIN = VIL or VIH,
IOL = -50 μA
0.0
0.1
0.1
V
3.0
VIN = VIL or VIH,
IOL = -50 μA
0.0
0.1
0.1
VIN = VIL or VIH,
IOL = -4 mA
0.36
0.44
IIN
Input Leakage
Current
3.6
VIN = 5.5 V or GND
±0.1
±1.0
μA
ICC
Quiescent Supply
Current
3.6
VIN = VCC or GND
2.0
20.0
μA
Symbol
Parameter
VCC (V) CL (pF)
TA = 25°C
Unit
Typ.
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
50
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
3.3
50
-0.3
-0.5
V
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
50
2.0
V
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
50
0.8
V


Número de pieza similar - 74LVX08_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX08M FAIRCHILD-74LVX08M Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
STMicroelectronics
74LVX08M STMICROELECTRONICS-74LVX08M Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX08M ONSEMI-74LVX08M Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08MTC FAIRCHILD-74LVX08MTC Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08MTCX ONSEMI-74LVX08MTCX Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
More results

Descripción similar - 74LVX08_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_08 Datasheet
307Kb / 8P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74ALVC08 ONSEMI-74ALVC08 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input AND Gate
Revised February 2005
74VCX08 ONSEMI-74VCX08 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com