Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD13516STU Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza BD13516STU
Descripción Electrónicos  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD13516STU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BD13516STU Datasheet HTML 1Page - Fairchild Semiconductor BD13516STU Datasheet HTML 2Page - Fairchild Semiconductor BD13516STU Datasheet HTML 3Page - Fairchild Semiconductor BD13516STU Datasheet HTML 4Page - Fairchild Semiconductor BD13516STU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BD135 / 137 / 139 Rev. 1.2.0
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TC = 25°C unless otherwise noted.
Electrical Characteristics
Values are at TC = 25°C unless otherwise noted.
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
BD135
45
V
BD137
60
BD139
80
VCEO
Collector-Emitter Voltage
BD135
45
V
BD137
60
BD139
80
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
1.5
A
ICP
Collector Current (Pulse)
3.0
A
IB
Base Current
0.5
A
PC
Device Dissipation
TC = 25°C12.5
W
TA = 25°C1.25
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 to +150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining
Voltage
BD135
IC = 30 mA, IB = 0
45
V
BD137
60
BD139
80
ICBO
Collector Cut-off Current
VCB = 30 V, IE = 0
0.1
μA
IEBO
Emitter Cut-off Current
VEB = 5 V, IC = 0
10
μA
hFE1
DC Current Gain
VCE = 2 V, IC = 5 mA
25
hFE2
VCE = 2 V, IC = 0.5 A
25
hFE3
VCE = 2 V, IC = 150 mA
40
250
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 500 mA, IB = 50 mA
0.5
V
VBE(on)
Base-Emitter On Voltage
VCE = 2 V, IC = 0.5 A
1
V
Classification
6
10
16
hFE3
40 ~ 100
63 ~ 160
100 ~ 250


Número de pieza similar - BD13516STU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BD13516STU FAIRCHILD-BD13516STU Datasheet
142Kb / 5P
   NPN Epitaxial Silicon Transistor
BD13516STU FAIRCHILD-BD13516STU Datasheet
142Kb / 5P
   NPN Epitaxial Silicon Transistor
More results

Descripción similar - BD13516STU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com