Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-503 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza SD-503
Descripción Electrónicos  Position Sensitive Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SD-503 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SD-503 Datasheet HTML 1Page - KODENSHI_AUK CORP. SD-503 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
SD-503
Position Sensitive Diodes
KODENSHI
The SD-503 is position sensors for automatic focusing
of camera.
FEATURES
•Laser beam focusing/positioning is best performed
•High performance.
•High reliability in demanding environments.
APPLICATIONS
•Automatic focusing of camera.
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Power dissipation
Operating temp.
Storage temp.
VR
PD
Topr.
Tstg.
15
30
-25~+85
-30~+100
V
mW
Unit
(Ta=25℃)
700~1,100
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IR=10μA
VR=1V
VR=1V, EV=1000lx*5
VR=1V, RL=1KΩ
VR=1V, f=1MHz
VR=1V, Va=0.5V
VR=1V
Item
Typ.
9
940
2
5
150
0.134
Reverse voltage
Dark current
Light current
Spectral sensitivity
Peak wavelength
Switching speeds
Capacitance
Resistance
Signal slope
Light current difference
VR
Id
IL *1
λ
λp
tr, tf
Ct
RS *2
α*3
ΔIL /IL *4
15
6
100
5
200
±2
V
nA
μ
A
nm
nm
μsec.
pF
-
%
Symbol
Conditions
Min.
Max.
Unit.
*1. IL=IL 1+IL 2(IL 1=Light current of A1,IL 2=Light current of A2)
*2. Va=Voltage of Anode A1,A2
*3. α
=1(IL 1-IL 2)/(IL 1+IL 2)1
*4. ΔL=IL 1-IL 2
*5. Color temp.=2856K standard Tungsten lamp


Número de pieza similar - SD-503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-503105-001 MOLEX11-SD-503105-001 Datasheet
354Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 1.50mm (.059")
SD-503105-001 MOLEX11-SD-503105-001 Datasheet
354Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 1.50mm (.059") Stacking
SD-503105-002 MOLEX11-SD-503105-002 Datasheet
354Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 1.50mm (.059")
SD-503105-002 MOLEX11-SD-503105-002 Datasheet
354Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 1.50mm (.059") Stacking
SD-503108-001 MOLEX11-SD-503108-001 Datasheet
299Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking
More results

Descripción similar - SD-503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
SD-506F KODENSHI-SD-506F Datasheet
238Kb / 2P
   Position Sensitive Diodes
SD-303 KODENSHI-SD-303 Datasheet
234Kb / 2P
   Position Sensitive Diodes
SD-612 KODENSHI-SD-612 Datasheet
242Kb / 2P
   Position Sensitive Diodes
logo
List of Unclassifed Man...
PSD6407 ETC-PSD6407 Datasheet
1Mb / 16P
   POSITION SENSITIVE DETECTOR
logo
Hamamatsu Corporation
R8520-00-C12 HAMAMATSU-R8520-00-C12 Datasheet
147Kb / 4P
   POSITION SENSITIVE PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com