Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN53541UCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FAN53541UCX
Descripción Electrónicos  2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53541UCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN53541UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53541 • Rev. 1.0.2
3
Pin Configuration
Figure 2. Top View
Figure 3. Top View Bottom View
Pin Definitions
Bump #
Name
Description
A1
PGOOD
Power Good. This open-drain pin pulls LOW if the output falls out of regulation or is in soft-start.
A2
EN
Enable. The device is in Shutdown Mode when this pin is LOW. Do not leave this pin floating.
A3
FB
FB. Connect to resistor divider. The IC regulates this pin to 0.8 V.
A4
VOUT
VOUT. Sense pin for VOUT. Connect directly to COUT.
B1
MODE
MODE / SYNC. A logic 0 allows the IC to automatically switch to PFM during light loads. When held
HIGH, the IC to stays in PWM Mode. The regulator also synchronizes its switching frequency to four
times (4X) the frequency provided on this pin (fMODE). Do not leave this pin floating.
B2, B3,
C1
– C4
GND
Ground. Low-side MOSFET is referenced to this pin. CIN and COUT should be returned with a minimal
path to these pins.
B4
AGND
Analog Ground. All signals are referenced to this pin. Avoid routing high dV/dt AC currents through
this pin.
D1, D2,
E1, E2
VIN
Power Input Voltage. Connect to input power source. Connect to CIN with minimal path.
D3, D4,
E3, E4
SW
Switching Node. Connect to inductor.
PGOOD
GND
C1
B1
A1
A2
C3
B3
A3
C2
D1
D3
D2
B2
C4
B4
A4
D4
E1
E3
E2
E4
EN
FB
VOUT
MODE
VIN
SW
C1
B1
A1
C3
B3
A3
A2
C2
D1
D3
D2
B2
C4
B4
A4
D4
E1
E3
E2
E4


Número de pieza similar - FAN53541UCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN53541UCX ONSEMI-FAN53541UCX Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
More results

Descripción similar - FAN53541UCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361 Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com