Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD10N20LZTM Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FDD10N20LZTM
Descripción Electrónicos  Uninterruptible Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD10N20LZTM Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDD10N20LZTM Datasheet HTML 1Page - Fairchild Semiconductor FDD10N20LZTM Datasheet HTML 2Page - Fairchild Semiconductor FDD10N20LZTM Datasheet HTML 3Page - Fairchild Semiconductor FDD10N20LZTM Datasheet HTML 4Page - Fairchild Semiconductor FDD10N20LZTM Datasheet HTML 5Page - Fairchild Semiconductor FDD10N20LZTM Datasheet HTML 6Page - Fairchild Semiconductor FDD10N20LZTM Datasheet HTML 7Page - Fairchild Semiconductor FDD10N20LZTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2010 Fairchild Semiconductor Corporation
FDD10N20LZ Rev. C1
www.fairchildsemi.com
6
Figure 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
LL
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Número de pieza similar - FDD10N20LZTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FDD10N20LZ ISC-FDD10N20LZ Datasheet
358Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FDD10N20LZTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
Fairchild Semiconductor
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
   Uninterruptible Power Supply
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
PHOENIX CONTACT
2905909 PHOENIX-2905909 Datasheet
115Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
2905908 PHOENIX-2905908 Datasheet
116Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
   Uninterruptible Power Supply (UPS)
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
   Telephony / CATV Uninterruptible Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com