Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TUA6030 Datasheet(PDF) 29 Page - Infineon Technologies AG

No. de pieza TUA6030
Descripción Electrónicos  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6030 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TUA6030 Datasheet HTML 25Page - Infineon Technologies AG TUA6030 Datasheet HTML 26Page - Infineon Technologies AG TUA6030 Datasheet HTML 27Page - Infineon Technologies AG TUA6030 Datasheet HTML 28Page - Infineon Technologies AG TUA6030 Datasheet HTML 29Page - Infineon Technologies AG TUA6030 Datasheet HTML 30Page - Infineon Technologies AG TUA6030 Datasheet HTML 31Page - Infineon Technologies AG TUA6030 Datasheet HTML 32Page - Infineon Technologies AG TUA6030 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Reference
5 - 29
TUA6030, TUA6032
Wireless Components
Specification, July 2001
5.1.2
Operating Range
Within the operational range the IC operates as described in the circuit
description. The AC / DC characteristic limits are not guaranteed.
Table 5-2 Operating Range
Parameter
Symbol
Limit Values
Unit
Test Conditions
LItem
min
max
Supply voltage
VCC
+4.5
+5.5
V
Programmable divider factor
N
256
32767
LOW mixer input frequency
range
fMIXV
30
200
MHz
MID and HIGH band mixer input
frequency range
fMIXU
130
900
MHz
LOW oscillator frequency range
fOH
65
250
MHz
MID band oscillator frequency
range
fOU
165
530
MHz
HIGH band oscillator frequency
range
fOU
400
950
MHz
Ambient temperature
TAMB
-10
TAmax
1).
°C
1). see 5.1.1 Absolute Maximum Ratings on page 27


Número de pieza similar - TUA6030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

Descripción similar - TUA6030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com