Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP300BIDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP300BIDBVR
Descripción Electrónicos  Resistor-Programmable Temperature Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BIDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TMP300BIDBVR Datasheet HTML 1Page - Texas Instruments TMP300BIDBVR Datasheet HTML 2Page - Texas Instruments TMP300BIDBVR Datasheet HTML 3Page - Texas Instruments TMP300BIDBVR Datasheet HTML 4Page - Texas Instruments TMP300BIDBVR Datasheet HTML 5Page - Texas Instruments TMP300BIDBVR Datasheet HTML 6Page - Texas Instruments TMP300BIDBVR Datasheet HTML 7Page - Texas Instruments TMP300BIDBVR Datasheet HTML 8Page - Texas Instruments TMP300BIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TMP300
SBOS335D – JUNE 2005 – REVISED JANUARY 2016
www.ti.com
5.3 Electrical Characteristics
At VS = 3.3V and TA = –40°C to +125°C, unless otherwise noted.
TMP300
TMP300B
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(1)
MAX(1)
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
VS = 2.35V to 18V
–40
+125
–40
+125
Measurement range
°C
100 ×
100 ×
VS = 1.8V to 2.35V
–40
–40
(VS – 0.95)
(VS – 0.95)
TRIP POINT
Total accuracy
TA = –40°C to +125°C
±2
±4(2)
±2
±6
°C
RSET equation
TC is in °C
RSET = 10 (50 + TC)/3
RSET = 10 (50 + TC)/3
k
HYSTERESIS SET INPUT
LOW threshold
0.4
0.4
V
HIGH threshold
VS – 0.4
VS – 0.4
V
HYSTSET = GND
5
5
Threshold hysteresis
°C
HYSTSET = VS
10
10
DIGITAL OUTPUT
Logic family
CMOS
CMOS
Open-drain leakage current
OUT = VS
10
10
μA
VS = 1.8V to 18V, ISINK =
VOL
Logic levels
0.3
0.3
V
5mA
ANALOG OUTPUT
Accuracy
±2
±3
±2
±5
°C
Temperature sensitivity
10
10
mV/°C
Output voltage
TA = +25°C
720
750
780
720
750
780
mV
VTEMP pin output resistance
210
210
k
POWER SUPPLY
VS = 1.8V to 18V,
IQ
Quiescent current(3)
110
110
μA
TA = –40°C to +125°C
TEMPERATURE RANGE
VS = 2.35V to 18V
–40
+125
–40
+125
Specified range
100 ×
100 ×
VS = 1.8V to 2.35V
–40
–40
(VS – 0.95)
(VS – 0.95)
TA
°C
VS = 2.35V to 18V
–40
+150
–40
+150
Functional range(4)
100 ×
100 ×
VS = 1.8V to 2.35V
–50
–50
(VS – 0.95)
(VS – 0.95)
SC70
250
250
θJA
Thermal resistance
°C/W
SOT23-6
180
180
(1)
100% of production is tested at TA = +85°C. Specifications over temperature range are ensured by design.
(2)
Shaded cells indicate characteristic performance difference.
(3)
See Figure 1 for typical quiescent current.
(4)
The TMP300 is functional over this range and no indication of performance is implied.
4
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TMP300


Número de pieza similar - TMP300BIDBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

Descripción similar - TMP300BIDBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com