Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2006D1DRBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2006D1DRBT
Descripción Electrónicos  MONO Filter-free Class-D Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2006D1DRBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2006D1DRBT Datasheet HTML 2Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 3Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 4Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 5Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 6Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 7Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 8Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 9Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
2.5
3
3.5
4
4.5
5
5.5
V
− V
DD − SupplyVoltage
NoLoad
R =8
,33 H
L
W
m
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
Shutdown Voltage − V
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
P
O -OutputPower-W
Class-AB, V
=5V,R =8
DD
L
W
Class-AB,
V
=3.6V,
R =8
DD
L
W
V
=3.6V,
R =8
,33 H
DD
L
W
m
V
=5V,
R =8
,33 H
DD
L
W
m
V
=4.2V,
R =4
,33 H
DD
L
W
m
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
P
O -OutputPower-W
V
=2.5V,
R =8
,33 H
DD
L
W
m
V
=3.6V,
R =8
,33 H
DD
L
W
m
V
=5V,
R =8
,33 H
DD
L
W
m
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
1.2
V
DD
L
=2.5V,
R =8
,33 H
W
m
Class-AB,
V
=5V,
R =8
DD
L
W
P
-OutputPower-W
O
V
DD
L
=5V,
R =8
,33 H
W
m
0
10
20
30
40
50
60
70
80
90
0
0.5
1
1.5
P -OutputPower-W
O
V
=4.2V,
R =4
,33 H
DD
L
W
m
TPA2006D1
SLOS498B – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
7.7 Typical Characteristics
Figure 1. Efficiency vs Output Power
Figure 2. Efficiency vs Output Power
Figure 3. Power Dissipation vs Output Power
Figure 4. Supply Current vs Output Power
Figure 6. Supply Current vs Shutdown Voltage
Figure 5. Quiescent Current vs Supply Voltage
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA2006D1


Número de pieza similar - TPA2006D1DRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2006D1DRBT TI-TPA2006D1DRBT Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBTG4 TI-TPA2006D1DRBTG4 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
More results

Descripción similar - TPA2006D1DRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com