Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3116D2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3116D2
Descripción Electrónicos  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3116D2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3116D2 Datasheet HTML 4Page - Texas Instruments TPA3116D2 Datasheet HTML 5Page - Texas Instruments TPA3116D2 Datasheet HTML 6Page - Texas Instruments TPA3116D2 Datasheet HTML 7Page - Texas Instruments TPA3116D2 Datasheet HTML 8Page - Texas Instruments TPA3116D2 Datasheet HTML 9Page - Texas Instruments TPA3116D2 Datasheet HTML 10Page - Texas Instruments TPA3116D2 Datasheet HTML 11Page - Texas Instruments TPA3116D2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
PLIMIT Voltage (V)
0
5
10
15
20
25
30
1
2
3
4
D007
Supply Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
4
6
8
10
12
14
16
18
20
22
24
26
D009
THD+N = 1%
THD+N = 10%
Output Power (W)
0.001
0.01
0.1
1
10
10m
100m
1
10
D004
20 Hz
1 kHz
6 kHz
Output Power (W)
0.001
0.01
0.1
1
10
10m
100m
1
10
40
D006
20 Hz
1 kHz
6 kHz
Frequency (Hz)
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
D001
PO = 0.5 W
PO = 1 W
PO = 2.5 W
Frequency (Hz)
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
D003
PO = 1 W
PO = 2.5 W
PO = 5 W
TPA3116D2-Q1, TPA3118D2-Q1
SLOS862A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
6.8 Typical Characteristics
fs = 400 kHz, BD mode (unless otherwise noted)
Gain = 26 dB
PVCC = 6 V
TA = 25°C
Gain = 26 dB
PVCC = 14.4 V
TA = 25°C
RL = 4 Ω
10-µH + 0.68-µF filter
RL = 4 Ω
10-µH + 0.68-µF filter
Figure 2. Total Harmonic Distortion + Noise (BTL) vs
Figure 3. Total Harmonic Distortion + Noise (BTL) vs
Frequency
Frequency
Gain = 26 dB
PVCC = 6 V
TA = 25°C
Gain = 26 dB
PVCC = 14.4 V
TA = 25°C
RL = 4 Ω
10-µH + 0.68-µF filter
RL = 4 Ω
10-µH + 0.68-µF filter
Figure 4. Total Harmonic Distortion + Noise (BTL) vs Output
Figure 5. Total Harmonic Distortion + Noise (BTL) vs Output
Power
Power
Gain = 26 dB
PVCC = 14.4 V
TA = 25°C
Gain = 26 dB
TA = 25°C
RL = 4 Ω
RL = 4 Ω
10-µH + 0.68-µF filter
10-µH + 0.68-µF filter
Figure 6. Output Power (BTL) vs PLIMIT Voltage
Figure 7. Maximum Output Power (BTL) vs Supply Voltage
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Número de pieza similar - TPA3116D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2 TI-TPA3116D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3116D2DAD TI1-TPA3116D2DAD Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2DAD TI1-TPA3116D2DAD Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
More results

Descripción similar - TPA3116D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com