Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6166A2YFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6166A2YFFR
Descripción Electrónicos  3.5-mm Jack Detect and Headset Interface IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6166A2YFFR Datasheet(HTML) 5 Page - Texas Instruments

  TPA6166A2YFFR Datasheet HTML 1Page - Texas Instruments TPA6166A2YFFR Datasheet HTML 2Page - Texas Instruments TPA6166A2YFFR Datasheet HTML 3Page - Texas Instruments TPA6166A2YFFR Datasheet HTML 4Page - Texas Instruments TPA6166A2YFFR Datasheet HTML 5Page - Texas Instruments TPA6166A2YFFR Datasheet HTML 6Page - Texas Instruments TPA6166A2YFFR Datasheet HTML 7Page - Texas Instruments TPA6166A2YFFR Datasheet HTML 8Page - Texas Instruments TPA6166A2YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
TPA6166A2
www.ti.com
SLAS997B – MARCH 2014 – REVISED JANUARY 2015
6.5 Electrical Characteristics
VDD =00 1.8 V, MICVDD = 3.0 V, AV = 0 dB, CIN = 0.47 µF, CFLY = 1.0 μF, CCPVDD = CCPVSS = 1.0 μF, RHP = 32 Ω, outputs in
phase, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input logic high
SDA, SCL
1.4
VIL
Input logic low
SDA, SCL
0.4
V
VOL
Output logic low
IRQ
IOL = 3 mA pullup current
0.2×VDD
Logic high input
|IIH|
SDA, SCL
1
leakage current
Logic low input
|IIL|
SDA, SCL
1
µA
leakage current
Logic high output
|IOH|
IRQ
VIRQ = 3.3 V
1
leakage current
IVDD
2.38
mA
Audio playback (both
IMICVDD
0.21
mA
channels), no signal into 32
Ω
PCONS
(1)
4.91
mW
IVDD
3.74
mA
Audio playback (both
channels), 100-µW output into
IMICVDD
0.21
mA
32
Ω
PCONS
(1)
7.35
mW
IVDD
2.36
mA
2-way call, no signal into 32
Ω
IMICVDD
0.96
mA
PCONS
(1)
6.35
mW
IVDD
3.68
mA
2-way call, 100-µW output into
Power consumption
IMICVDD
0.96
mA
32
Ω
PCONS
(1)
8.74
mW
IVDD
10.84
µA
Accessory not inserted
IMICVDD
1.05
µA
PCONS
(1)
22.7
µW
IVDD
150.9
µA
Accessory not inserted,
mechanical switch is open
IMICVDD
1.05
µA
(JACK_SENSE=1)
PCONS
(1)
278.3
µW
IVDD
108.1
µA
Accessory inserted and in sleep
IMICVDD
1.06
µA
mode
PCONS
(1)
197.8
µW
(1)
Total power consumption from VDD and MICVDD.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA6166A2


Número de pieza similar - TPA6166A2YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
More results

Descripción similar - TPA6166A2YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
CUI INC
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
   3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
   3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
   3.5 MM AUDIO JACK
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
   3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
   3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
   3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
   3.5 MM AUDIO JACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com