Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6205A1DRBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6205A1DRBT
Descripción Electrónicos  1.25-W Mono Fully Differential Audio Power Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6205A1DRBT Datasheet(HTML) 5 Page - Texas Instruments

  TPA6205A1DRBT Datasheet HTML 1Page - Texas Instruments TPA6205A1DRBT Datasheet HTML 2Page - Texas Instruments TPA6205A1DRBT Datasheet HTML 3Page - Texas Instruments TPA6205A1DRBT Datasheet HTML 4Page - Texas Instruments TPA6205A1DRBT Datasheet HTML 5Page - Texas Instruments TPA6205A1DRBT Datasheet HTML 6Page - Texas Instruments TPA6205A1DRBT Datasheet HTML 7Page - Texas Instruments TPA6205A1DRBT Datasheet HTML 8Page - Texas Instruments TPA6205A1DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
SLOS490TPA6205A1
www.ti.com
SLOS490C – JULY 2006 – REVISED NOVEMBER 2015
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage
[VOO]
VI = 0 V, VDD = 2.5 V to 5.5 V
9
mV
(measured differentially)
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
–90
–70
dB
VDD = 3.6 V to 5.5 V, VIC = 0.5 V to VDD – 0.8
–70
–65
CMRR
Common-mode rejection ratio
dB
VDD = 2.5 V, VIC = 0.5 V to 1.7 V
–62
–55
VDD = 5.5 V
0.3
0.46
RL = 8 Ω, VIN+ = VDD, VIN– =
VOL
Low-level output voltage
VDD = 3.6 V
0.22
V
0 V or VIN+ = 0 V, VIN– = VDD
VDD = 2.5 V
0.19
0.26
VDD = 5.5 V
4.8
5.12
RL = 8 Ω, VIN+ = VDD, VIN– =
VOH
High-level output voltage
VDD = 3.6 V
3.28
V
0 V or VIN+ = 0 V, VIN– = VDD
VDD = 2.5 V
2.1
2.24
[IIH]
High-level input current
VDD = 5.5 V, VI = 5.8 V
1.2
µA
[IIL]
Low-level input current
VDD = 5.5 V, VI = –0.3 V
1.2
µA
IDD
Supply current
VDD = 2.5 V to 5.5 V, No load, SHUTDOWN = VIH
1.7
2
mA
Supply current in shutdown
IDD(SD)
SHUTDOWN = VIL , VDD = 2.5 V to 5.5 V, No load
0.01
0.9
µA
mode
7.6 Operating Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
1.25
THD + N = 1%, f = 1
PO
Output power
VDD = 3.6 V
0.63
W
kHz
VDD = 2.5 V
0.3
VDD = 5 V, PO = 1 W, f = 1 kHz
0.06%
Total harmonic distortion plus
THD+N
VDD = 3.6 V, PO = 0.5 W, f = 1 kHz
0.07%
noise
VDD = 2.5 V, PO = 200 mW, f = 1 kHz
0.08%
C(BYPASS) = 0.47°F,
VDD = 3.6 V to 5.5 V,
f = 217 Hz to 2 kHz, VRIPPLE
–87
Inputs AC-grounded
= 200 mVPP
with CI = 2 F
C(BYPASS) = 0.47 F,
VDD = 2.5 V to 3.6 V,
f = 217 Hz to 2 kHz, VRIPPLE
kSVR
Supply ripple rejection ratio
–82
dB
Inputs AC-grounded
= 200 mVPP
with CI = 2 F
C(BYPASS) = 0.47 F,
VDD = 2.5 V to 5.5 V,
f = 40 Hz to 20 kHz, VRIPPLE
≤ –74
Inputs AC-grounded
= 200 mVPP
with CI = 2 F
SNR
Signal-to-noise ratio
VDD = 5 V, PO= 1 W
104
dB
f = 20 Hz to 20 kHz
No weighting
17
VRMS
Vn
Output voltage noise
A weighting
13
VDD= 2.5 V to 5.5 V,
f = 20 Hz to 1 kHz
≤ –85
dB
Resistor tolerance =
CMRR
Common-mode rejection ratio
0.1%, Gain = 4V/V,
f = 20 Hz to 20 kHz
≤ –74
VICM = 200 mVPP
ZI
Input impedance
2
M
Ω
ZO
Output impedance
Shutdown mode
>10
k
Ω
Shutdown attenuation
f = 20 Hz to 20 kHz, RF = RI = 20 kΩ
–80
dB
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SLOS490TPA6205A1


Número de pieza similar - TPA6205A1DRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6205A1DRBT TI-TPA6205A1DRBT Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DRBT TI-TPA6205A1DRBT Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DRBT TI1-TPA6205A1DRBT Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1DRBT TI-TPA6205A1DRBT Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1DRBTG4 TI-TPA6205A1DRBTG4 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
More results

Descripción similar - TPA6205A1DRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com