Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3116D2DADR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3116D2DADR
Descripción Electrónicos  Filter-Free Class-D Stereo Amplifier Family
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3116D2DADR Datasheet(HTML) 3 Page - Texas Instruments

  TPA3116D2DADR Datasheet HTML 1Page - Texas Instruments TPA3116D2DADR Datasheet HTML 2Page - Texas Instruments TPA3116D2DADR Datasheet HTML 3Page - Texas Instruments TPA3116D2DADR Datasheet HTML 4Page - Texas Instruments TPA3116D2DADR Datasheet HTML 5Page - Texas Instruments TPA3116D2DADR Datasheet HTML 6Page - Texas Instruments TPA3116D2DADR Datasheet HTML 7Page - Texas Instruments TPA3116D2DADR Datasheet HTML 8Page - Texas Instruments TPA3116D2DADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
32
31
30
29
19
13
14
15
16
17
18
20
1
2
3
4
5
6
7
8
9
10
11
12
21
22
23
24
28
27
26
25
FAULTZ
SDZ
SYNC
AM0
AM1
MUTE
LINN
LINP
PLIMIT
RINN
GVDD
RINP
AVCC
OUTPR
PVCC
BSPL
GND
OUTPL
PVCC
OUTNL
BSNL
PVCC
OUTNR
BSNR
MODSEL
BSPR
GND
GND
PVCC
GND
GAIN/SLV
AM2
Thermal
PAD
32
31
30
29
19
13
14
15
16
17
18
20
1
2
3
4
5
6
7
8
9
10
11
12
21
22
23
24
28
27
26
25
FAULTZ
SDZ
SYNC
AM0
AM1
MUTE
LINN
LINP
PLIMIT
RINN
GVDD
RINP
AVCC
OUTPR
PVCC
BSPL
GND
OUTPL
PVCC
OUTNL
BSNL
PVCC
OUTNR
BSNR
MODSEL
BSPR
GND
GND
PVCC
GND
GAIN/SLV
AM2
Thermal
PAD
TPA3116D2, TPA3118D2, TPA3130D2
www.ti.com
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
DAD Package
32-Pin HTSSOP With PowerPAD Up
TPA3116D2 Only, Top View
DAP Package
32-Pin HTSSOP With PowerPAD Down
Top View
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2


Número de pieza similar - TPA3116D2DADR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3116D2DADR TI1-TPA3116D2DADR Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2DADR TI-TPA3116D2DADR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Descripción similar - TPA3116D2DADR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com