Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAR50-02V Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BAR50-02V
Descripción Electrónicos  Silicon PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR50-02V Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAR50-02V Datasheet HTML 1Page - Infineon Technologies AG BAR50-02V Datasheet HTML 2Page - Infineon Technologies AG BAR50-02V Datasheet HTML 3Page - Infineon Technologies AG BAR50-02V Datasheet HTML 4Page - Infineon Technologies AG BAR50-02V Datasheet HTML 5Page - Infineon Technologies AG BAR50-02V Datasheet HTML 6Page - Infineon Technologies AG BAR50-02V Datasheet HTML 7Page - Infineon Technologies AG BAR50-02V Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Feb-04-2003
1
BAR50...
Silicon PIN Diodes
 Current-controlled RF resistor
for switching and attenuating applications
 Frequency range above 10 MHz up to 6 GHz
 Especially useful as antenna switch
in mobile communication
 Very low capacitance at zero volt reverse bias
at freuencies above 1 GHz (typ. 0.15 pF)
 Low forward resitance
 Very low harmonics
BAR50-02L
BAR50-02V
BAR50-03W
BAR50-05
1
2
3
1
D2
2
D1
Type
Package
Configuration
LS(nH) Marking
BAR50-02L*
BAR50-02V
BAR50-03W
BAR50-05*
TSLP-2-1
SC79
SOD323
SOT23
single,leadless
single
single
common cathode
0.4
0.6
1.4
1.8
AB
a
blue A
OCs
* Preliminary
Maximum Ratings
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
50
V
Forward current
IF
100
mA
Total power dissipation
BAR50-02L, TS  130°C
BAR50-02V, TS  120°C
BAR50-03W, TS  116°C
BAR50-05, TS  60°C
Ptot
250
250
250
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150


Número de pieza similar - BAR50-02V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAR50-02V INFINEON-BAR50-02V Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
BAR50-02V INFINEON-BAR50-02V Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
More results

Descripción similar - BAR50-02V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com