Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAR66 Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BAR66
Descripción Electrónicos  Silicon PIN Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR66 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAR66 Datasheet HTML 1Page - Infineon Technologies AG BAR66 Datasheet HTML 2Page - Infineon Technologies AG BAR66 Datasheet HTML 3Page - Infineon Technologies AG BAR66 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb-04-2003
1
BAR66...
Silicon PIN Diode Array
• Surge protection device
• Designed for surge overvoltage clamping
in antiparallel connection
BAR66
3
1
D2
2
D1
Type
Package
Configuration
LS(nH) Marking
BAR66
SOT23
series
1.8
PMs
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
150
V
Forward current
IF
200
mA
Total power dissipation
Ts  25 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1), BAR66
RthJS
 290
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Número de pieza similar - BAR66

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAR66 SIEMENS-BAR66 Datasheet
22Kb / 2P
   Silicon PIN Diode Array (Surge protection device Two PIN diodes, series configuration)
logo
Guangdong Kexin Industr...
BAR66 KEXIN-BAR66 Datasheet
38Kb / 2P
   Silicon PIN Diode Array
logo
Infineon Technologies A...
BAR66 INFINEON-BAR66 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
BAR66 INFINEON-BAR66_07 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
More results

Descripción similar - BAR66

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
209Kb / 8P
   Silicon PIN diode array
Rev. 2-7 September 2010
logo
Quanzhou Jinmei Electro...
BAP70AM_2015 JMNIC-BAP70AM_2015 Datasheet
56Kb / 7P
   Silicon PIN diode array
BAP70AM JMNIC-BAP70AM_15 Datasheet
56Kb / 7P
   Silicon PIN diode array
logo
Infineon Technologies A...
BAR66 INFINEON-BAR66_07 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
logo
Guangdong Kexin Industr...
BAR66 KEXIN-BAR66 Datasheet
38Kb / 2P
   Silicon PIN Diode Array
logo
NXP Semiconductors
BAP70AM NXP-BAP70AM Datasheet
49Kb / 7P
   Silicon PIN diode array
Rev. 01 20 November 2006
logo
Infineon Technologies A...
BAR90-081LS INFINEON-BAR90-081LS Datasheet
677Kb / 8P
   Silicon Trench PIN Diode Array
2009-01-26
logo
Vishay Siliconix
S268P VISHAY-S268P Datasheet
80Kb / 5P
   Silicon PIN Photodiode Array
Rev. 2, 20-May-99
logo
Siemens Semiconductor G...
BAR66 SIEMENS-BAR66 Datasheet
22Kb / 2P
   Silicon PIN Diode Array (Surge protection device Two PIN diodes, series configuration)
SMBD2837 SIEMENS-SMBD2837 Datasheet
100Kb / 4P
   Silicon Switching Diode Array
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com