Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAR88 Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza BAR88
Descripción Electrónicos  Silicon PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR88 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAR88 Datasheet HTML 1Page - Infineon Technologies AG BAR88 Datasheet HTML 2Page - Infineon Technologies AG BAR88 Datasheet HTML 3Page - Infineon Technologies AG BAR88 Datasheet HTML 4Page - Infineon Technologies AG BAR88 Datasheet HTML 5Page - Infineon Technologies AG BAR88 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dec-08-2003
2
BAR88...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAR88-02L, 07L4, -099L4
BAR88-02V
RthJS
≤ 65
≤ 105
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 5 µA
V(BR)
80
-
-
V
Reverse current
VR = 60 V
IR
-
-
50
nA
Forward voltage
IF = 1 mA
IF = 100 mA
VF
-
-
0.75
0.95
0.9
1.2
V
1For calculation of RthJA please refer to Application Note Thermal Resistance


Número de pieza similar - BAR88

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAR88-02LRH INFINEON-BAR88-02LRH Datasheet
862Kb / 10P
   Silicon PIN Diode
2010-03-05
BAR88-02LRH INFINEON-BAR88-02LRH Datasheet
895Kb / 10P
   Silicon PIN Diode
2011-06-17
BAR88-02V INFINEON-BAR88-02V Datasheet
862Kb / 10P
   Silicon PIN Diode
2010-03-05
BAR88-02V INFINEON-BAR88-02V Datasheet
895Kb / 10P
   Silicon PIN Diode
2011-06-17
BAR8802VH6327 INFINEON-BAR8802VH6327 Datasheet
895Kb / 10P
   Silicon PIN Diode
2011-06-17
More results

Descripción similar - BAR88

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com