Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS40-07 Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza BAS40-07
Descripción Electrónicos  Silicon Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS40-07 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAS40-07 Datasheet HTML 1Page - Infineon Technologies AG BAS40-07 Datasheet HTML 2Page - Infineon Technologies AG BAS40-07 Datasheet HTML 3Page - Infineon Technologies AG BAS40-07 Datasheet HTML 4Page - Infineon Technologies AG BAS40-07 Datasheet HTML 5Page - Infineon Technologies AG BAS40-07 Datasheet HTML 6Page - Infineon Technologies AG BAS40-07 Datasheet HTML 7Page - Infineon Technologies AG BAS40-07 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Jan-16-2004
4
BAS40.../BAS140W
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0
EHB00040
BAS 40...
C
V
R
T
1
2
3
4
pF
5
10
20
V
30
Forward resistance rf = ƒ (IF)
f = 10 kHz
0.1
EHB00041
BAS 40...
r
Ι
f
1
10
mA
100
F
2
10
1
10
10
3
10
3
Reverse current IR = ƒ(VR)
TA = Parameter
0
EHB00039
BAS 40...
Ι
V
R
R
100
-2
10
1
10
2
10
3
10
A
10-1
10
20
30
V
40
TA = 150 C
85 C
25 C
µ
Forward current IF = ƒ (VF)
TA = Parameter
0.0
EHB00038
BAS 40...
Ι
V
F
F
0.5
1.0
V
1.5
TA = -40 ˚C
25 ˚C
85 ˚C
150 ˚C
-2
10
-1
10
mA
0
10
10
1
2
10


Número de pieza similar - BAS40-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAS40-07 PHILIPS-BAS40-07 Datasheet
58Kb / 8P
   Schottky barrier double diodes
1999 Apr 28
BAS40-07 PHILIPS-BAS40-07 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
logo
Guangdong Kexin Industr...
BAS40-07 KEXIN-BAS40-07 Datasheet
37Kb / 2P
   Schottky Barrier (Double) Diodes
logo
NXP Semiconductors
BAS40-07 NXP-BAS40-07 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
logo
Infineon Technologies A...
BAS40-07 INFINEON-BAS40-07 Datasheet
170Kb / 15P
   Silicon Schottky Diode
2007-04-19
More results

Descripción similar - BAS40-07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com