Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
54ACTQ240F Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
54ACTQ240F Datasheet(HTML) 3 Page - National Semiconductor (TI) |
3 / 8 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V CC) −0.5V to +7.0V DC Input Diode Current (I IK) V I = −0.5V −20 mA V I = VCC + 0.5V +20 mA DC Input Voltage (V I) −0.5V to V CC + 0.5V DC Output Diode Current (I OK) V O = −0.5V −20 mA V O = VCC + 0.5V +20 mA DC Output Voltage (V O) −0.5V to V CC + 0.5V DC Output Source or Sink Current (I O) ±50 mA DC V CC or Ground Current per Output Pin (I CC or IGND) ±50 mA Storage Temperature (T STG) −65˚C to +150˚C DC Latch-Up Source or Sink Current ±300 mA Junction Temperature (T J) CDIP 175˚C Recommended Operating Conditions Supply Voltage (V CC) ’ACQ 2.0V to 6.0V ’ACTQ 4.5V to 5.5V Input Voltage (V I) 0VtoV CC Output Voltage (V O) 0VtoV CC Operating Temperature (T A) 54ACQ/ACTQ −55˚C to +125˚C Minimum Input Edge Rate ∆V/∆t ’ACQ Devices V IN from 30% to 70% of VCC V CC @ 3.0V, 4.5V, 5.5V 125 mV/ns Minimum Input Edge Rate ∆V/∆t ’ACTQ Devices V IN from 0.8V to 2.0V V CC @ 4.5V, 5.5V 125 mV/ns Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. National does not recom- mend operation of FACT® circuits outside databook specifications. Note 2: All commercial packaging is not recommended for applications re- quiring greater than 2000 temperature cycles from −40˚C to +125˚C. DC Characteristics for ’ACQ Family Devices 54ACQ Symbol Parameter V CC T A = Units Conditions (V) −55˚C to +125˚C Guaranteed Limits V IH Minimum High Level 3.0 2.1 V OUT = 0.1V Input Voltage 4.5 3.15 V or V CC − 0.1V 5.5 3.85 V IL Maximum Low Level 3.0 0.9 V OUT = 0.1V Input Voltage 4.5 1.35 V or V CC − 0.1V 5.5 1.65 V OH Minimum High Level 3.0 2.9 I OUT = −50 µA Output Voltage 4.5 4.4 V 5.5 5.4 (Note 3) V IN = VIL or VIH 3.0 2.4 I OH = −12 mA 4.5 3.7 V I OH = −24 mA 5.5 4.7 I OH = −24 mA V OL Maximum Low Level 3.0 0.1 I OUT = 50 µA Output Voltage 4.5 0.1 V 5.5 0.1 (Note 3) V IN = VIL or VIH 3.0 0.50 I OL =12mA 4.5 0.50 V I OL =24mA 5.5 0.50 I OL =24mA I IN Maximum Input 5.5 ±1.0 µA V I = VCC, GND Leakage Current (Note 5) www.national.com 3 |
Número de pieza similar - 54ACTQ240F |
|
Descripción similar - 54ACTQ240F |