Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC807 Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza BC807
Descripción Electrónicos  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC807 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BC807 Datasheet HTML 1Page - Infineon Technologies AG BC807 Datasheet HTML 2Page - Infineon Technologies AG BC807 Datasheet HTML 3Page - Infineon Technologies AG BC807 Datasheet HTML 4Page - Infineon Technologies AG BC807 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BC807, BC808
5
Nov-29-2001
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0
10
EHP00215
CEsat
V
0.4
V
0.8
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
0.2
0.6
-50
25
150 ˚C
˚C
˚C
Base-emitter saturation voltage
IC = f(VBEsat), hFE = 10
0
10
EHP00214
BEsat
V
2.0
V
4.0
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
1.0
3.0
˚C
-50
25 ˚C
˚C
150
DC current gain hFE = f(IC)
VCE = 1V
10
EHP00216
-1
3
10
mA
0
10
3
10
5
5
10
0
10
1
10
1
C
FE
h
Ι
2
10
2
10
˚C
100
5
25 ˚C
-50 ˚C


Número de pieza similar - BC807

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
GUANGDONG HOTTECH INDUS...
BC807 HOTTECH-BC807 Datasheet
193Kb / 2P
   Plastic-Encapsulate Transistors
logo
Unisonic Technologies
BC807 UTC-BC807 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Jinan Jing Heng Electro...
BC807 JINGHENG-BC807 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
KODENSHI_AUK CORP.
BC807 KODENSHI-BC807 Datasheet
265Kb / 4P
   High current application
More results

Descripción similar - BC807

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com