Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC82AY-1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza LC82AY-1
Descripción Electrónicos  Komatsulite??LC Series Breaker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LC82AY-1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LC82AY-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC82AY-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC82AY-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC82AY-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC82AY-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Caution when using Breaker
Before using the breaker, please fully read the DESIGN AND HANDLING CAUTIONS stated below so that there will be no breaker
performance deterioration and/or damage to the breaker body or terminal.
DESIGN CAUTIONS
1.
Use within the electrical ratings specified in this data sheet. If used over the rating of voltage or current, ON-OFF life might be impacted
and contact may be deteriorated due to breaker arm damage.
2.
If used over the electrical rating, the circuit may not open safely. Please test your device for any abnormalities and confirm that the breaker
will open the circuit safely in your device.
3.
Mount the breaker on your device where heat is the highest in order to transfer it effectively to the breaker.
4.
After the breaker is mounted, affix it so that the breaker body and terminals will not move. If not affixed, breaker resistance could increase
or contact open due to stress during handling or vibration/shock during transportation.
5.
Mount the breaker body and terminals in a straight and flat direction. If the body and terminals are mounted in a twisted condition, breaker
resistance could increase or create body damage.
6.
If breaker is to be resin-molded, test and evaluate to determine whether the breaker can be used effectively.
7.
The breaker cannot be used as a repetitive ON-OFF thermostat.
8.
The breaker is not washable. Do not wash.
9.
The breaker is not designed nor guaranteed for flow, reflow or hand-soldering applications. If such application is required, test and
evaluate in your specific application to confirm that the breaker can be used.
10. When mounting and after mounting the breaker, do not apply supersonic vibration. Vibration and heat may cause the breaker resistance
to increase or may cause body damage. If you apply supersonic vibration after mounting the breaker, test and evaluate in your specific
application to confirm that the breaker can be used.
11. Do not use the breaker in the following abnormal environments:
a) Water, oil, chemicals or organic solutions
b) Direct sunlight, outdoor exposure, dust
c) Dew condensation, allowing the breaker to get wet
d) Salt breeze, chlorine, hydrogen sulfide, ammonium, sulfide-oxidation, hydrogen chloride, and anywhere there is a possibility of
generating corrosive gas such as ulfurous acid gas
e) Strong static electric charge or electromagnetic wave
12. Thie breaker is not designed or tested for, and should not be used in aerospace, airplane, nuclear, military, life-sustaining medical and
other related equipment.
MF-NSMF Series - PTC Resettable Fuses
KomatsuliteLC Series Breaker


Número de pieza similar - LC82AY-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Polyfet RF Devices
LC821 POLYFET-LC821 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
logo
Sanyo Semicon Device
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
   Image Processing Circuit for FAX, Copier, and OCR Products
LC82102 SANYO-LC82102 Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82102W SANYO-LC82102W Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
   Image-Processing LSI for Facsimile, Copier, and OCR Applications
More results

Descripción similar - LC82AY-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
HC72AY-1 ETC2-HC72AY-1 Datasheet
707Kb / 5P
   Komatsulite HC Series Breaker
KCA72AB0 ETC2-KCA72AB0 Datasheet
722Kb / 5P
   Komatsulite??KCA Series A-Type Breaker
NR72AB0 ETC2-NR72AB0 Datasheet
734Kb / 5P
   Komatsulite??NR Series A-Type Breaker
NR72CB0 ETC2-NR72CB0 Datasheet
739Kb / 5P
   Komatsulite??NR Series C-Type Breaker
logo
Bourns Electronic Solut...
AA72AB0 BOURNS-AA72AB0 Datasheet
469Kb / 5P
   Formerly KOMATSULITE a product
logo
Sharma Electro Componen...
LC SHARMA-LC Datasheet
331Kb / 2P
   LC Series
logo
Littelfuse
LC103J2G LITTELFUSE-LC103J2G Datasheet
194Kb / 2P
   LC Series Miniature Thermistors
Revised: March 23, 2021
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
368Kb / 11P
   LC SERIES TRANSMITTER MODULE
logo
Molex Electronics Ltd.
0885236604 MOLEX10-0885236604 Datasheet
96Kb / 2P
   LC-to-LC, Multimode
logo
List of Unclassifed Man...
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com