Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847AW Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza BC847AW
Descripción Electrónicos  NPN Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847AW Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC847AW Datasheet HTML 1Page - Infineon Technologies AG BC847AW Datasheet HTML 2Page - Infineon Technologies AG BC847AW Datasheet HTML 3Page - Infineon Technologies AG BC847AW Datasheet HTML 4Page - Infineon Technologies AG BC847AW Datasheet HTML 5Page - Infineon Technologies AG BC847AW Datasheet HTML 6Page - Infineon Technologies AG BC847AW Datasheet HTML 7Page - Infineon Technologies AG BC847AW Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BC846W...BC850W
2
Dec-11-2001
Maximum Ratings
Parameter
Symbol BC846W BC847W
BC850W
BC848W
BC849W
Unit
Collector-emitter voltage
VCEO
65
45
30
V
Collector-base voltage
VCBO
80
50
30
Collector-emitter voltage
VCES
80
50
30
Emitter-base voltage
VEBO
6
6
5
DC collector current
IC
100
mA
Peak collector current
ICM
200
mA
Peak base current
IBM
200
Peak emitter current
200
IEM
Total power dissipation
, TS = 124 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
105
K/W
Electrical Characteristics
at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BC846W
BC847/850W
BC848/849W
V(BR)CEO
65
45
30
-
-
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
BC846W
BC847/850W
BC848/849W
V(BR)CBO
80
50
30
-
-
-
-
-
-
1For calculation of RthJA please refer to Application Note Thermal Resistance


Número de pieza similar - BC847AW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC847AW PHILIPS-BC847AW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Diodes Incorporated
BC847AW DIODES-BC847AW Datasheet
123Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
Taiwan Semiconductor Co...
BC847AW TSC-BC847AW Datasheet
236Kb / 6P
   NPN Transistor
logo
Siemens Semiconductor G...
BC847AW SIEMENS-BC847AW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Weitron Technology
BC847AW WEITRON-BC847AW Datasheet
2Mb / 4P
   General Purpose Transistor
More results

Descripción similar - BC847AW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com