Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847W Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza BC847W
Descripción Electrónicos  NPN Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847W Datasheet(HTML) 3 Page - Infineon Technologies AG

  BC847W Datasheet HTML 1Page - Infineon Technologies AG BC847W Datasheet HTML 2Page - Infineon Technologies AG BC847W Datasheet HTML 3Page - Infineon Technologies AG BC847W Datasheet HTML 4Page - Infineon Technologies AG BC847W Datasheet HTML 5Page - Infineon Technologies AG BC847W Datasheet HTML 6Page - Infineon Technologies AG BC847W Datasheet HTML 7Page - Infineon Technologies AG BC847W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC846W...BC850W
3
Dec-11-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 µA, VBE = 0
BC846W
BC847/850W
BC848/849W
V(BR)CES
80
50
30
-
-
-
-
-
-
V
Emitter-base breakdown voltage
IE = 1 µA, IC = 0
BC846/847W
BC848-850W
V(BR)EBO
6
5
-
-
-
-
Collector cutoff current
VCB = 30 V, IE = 0
ICBO
-
-
15
nA
Collector cutoff current
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
5
µA
DC current gain 1)
IC = 10 µA, VCE = 5 V
hFE-group A
hFE-group B
hFE-group C
hFE
-
-
-
140
250
480
-
-
-
-
DC current gain 1)
IC = 2 mA, VCE = 5 V
hFE-group A
hFE-group B
hFE-group C
hFE
110
200
420
180
290
520
220
450
800
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VCEsat
-
-
90
200
250
600
mV
Base-emitter saturation voltage 1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VBEsat
-
-
700
900
-
-
Base-emitter voltage 1)
IC = 2 mA, VCE = 5 V
IC = 10 mA, VCE = 5 V
VBE(ON)
580
-
660
-
700
770
1) Pulse test: t
≤=300µs, D = 2%


Número de pieza similar - BC847W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC847W PHILIPS-BC847W Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
BC847W NXP-BC847W Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Jiangsu Changjiang Elec...
BC847W JIANGSU-BC847W Datasheet
887Kb / 5P
   SOT-323 Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
BC847W KEC-BC847W Datasheet
251Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
NXP Semiconductors
BC847W NXP-BC847W Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
More results

Descripción similar - BC847W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com