Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EZR32LG230F64R55G Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza EZR32LG230F64R55G
Descripción Electrónicos  Building and home automation
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32LG230F64R55G Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button EZR32LG230F64R55G Datasheet HTML 7Page - Silicon Laboratories EZR32LG230F64R55G Datasheet HTML 8Page - Silicon Laboratories EZR32LG230F64R55G Datasheet HTML 9Page - Silicon Laboratories EZR32LG230F64R55G Datasheet HTML 10Page - Silicon Laboratories EZR32LG230F64R55G Datasheet HTML 11Page - Silicon Laboratories EZR32LG230F64R55G Datasheet HTML 12Page - Silicon Laboratories EZR32LG230F64R55G Datasheet HTML 13Page - Silicon Laboratories EZR32LG230F64R55G Datasheet HTML 14Page - Silicon Laboratories EZR32LG230F64R55G Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
Module
Configuration
Pin Connections
OPAMP
Full configuration
Outputs: OPAMP_OUTx, OPAMP_OUT-
xALT, Inputs: OPAMP_Px, OPAMP_Nx
AES
Full configuration
NA
GPIO
41 pins
Available pins are shown in 5.4 GPIO Pin-
out Overview
3.3 Memory Map
The EZR32LG230 memory map is shown below with RAM and flash sizes for the largest memory configuration.
Figure 3.2. EZR32LG230 Memory Map with Largest RAM and Flash Sizes
EZR32LG230 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 10


Número de pieza similar - EZR32LG230F64R55G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
EZR32LG230F64R55G-B0 SILABS-EZR32LG230F64R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG230F64R55G-B0R SILABS-EZR32LG230F64R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

Descripción similar - EZR32LG230F64R55G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
logo
Maxim Integrated Produc...
MAXREFDES130 MAXIM-MAXREFDES130 Datasheet
310Kb / 8P
   Building Automation Shield
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
   Gateway solutions for building and home integration
Version 1.0/2022
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com