Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EZR32WG330F64R55G Datasheet(PDF) 2 Page - Silicon Laboratories

No. de pieza EZR32WG330F64R55G
Descripción Electrónicos  Building and home automation
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32WG330F64R55G Datasheet(HTML) 2 Page - Silicon Laboratories

  EZR32WG330F64R55G Datasheet HTML 1Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 2Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 3Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 4Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 5Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 6Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 7Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 8Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
1. Feature List
The WG highlighted features are listed below.
MCU Features
• ARM Cortex-M4 CPU platform
• Up to 48 MHz
• 64/128/256 kB Flash w/32 kB RAM
• Hardware AES with 128/256-bit keys
• Flexible Energy Management System
• 20 nA @ 3 V Shutoff Mode
• 0.65 µA @ 3 V Stop Mode
• 225 µA/MHz @ 3 V Run Mode
• Timers/Counters
• 4× Timer/Counter
• 4×3 Compare/Capture/PWM channels
• Low Energy Timer
• Real-Time Counter
• 16/8-bit Pulse Counter
• Watchdog Timer
• Communication interfaces
• 2× USART (UART/SPI)
• 2× UART
• 2× Low Energy UART
• 2× I2C Interface with SMBus support
• Universal Serial Bus (USB)
• Ultra low power precision analog peripherals
• 12-bit 1 Msamples/s ADC
• On-chip temperature sensor
• 12-bit 500 ksamples/s DAC
• 2× Analog Comparator
• 2x Operational Amplifier
• Low Energy Sensor Interface (LESENSE)
• Up to 38 General Purpose I/O pins
RF Features
• Frequency Range
• 142-1050 MHz
• Modulation
• (G)FSK, 4(G)FSK, (G)MSK, OOK
• Receive sensitivity up to -133 dBm
• Up to +20 dBm max output power
• Low active power consumption
• 10/13 mA RX
• 18 mA TX at +10 dBm
• 6 mA @ 1.2 kbps (Preamble Sense)
• Data rate = 100 bps to 1 Mbps
• Excellent selectivity performance
• 69 dB adjacent channel
• 79 dB blocking at 1 MHz
• Antenna diversity and T/R switch control
• Highly configurable packet handler
• TX and RX 64 byte FIFOs
• Automatic frequency control (AFC)
• Automatic gain control (AGC)
• IEEE 802.15.4g compliant
System Features
• Power-on Reset and Brown-Out Detector
• Debug Interface
• Temperature range -40 to 85 °C
• Single power supply 1.98 to 3.8 V
• QFN64 package
EZR32WG330 Data Sheet
Feature List
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 1


Número de pieza similar - EZR32WG330F64R55G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
EZR32WG330F64R55G SILABS-EZR32WG330F64R55G Datasheet
1Mb / 87P
   EZR32WG Wireless MCUs EZR32WG330 Data Sheet
EZR32WG330F64R55G-B0 SILABS-EZR32WG330F64R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32WG330F64R55G-B0R SILABS-EZR32WG330F64R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

Descripción similar - EZR32WG330F64R55G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
logo
Maxim Integrated Produc...
MAXREFDES130 MAXIM-MAXREFDES130 Datasheet
310Kb / 8P
   Building Automation Shield
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
   Gateway solutions for building and home integration
Version 1.0/2022
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com