Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI513 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI513
Descripción Electrónicos  DUAL FREQUENCY CRYSTAL OSCILLATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI513 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI513 Datasheet HTML 1Page - Silicon Laboratories SI513 Datasheet HTML 2Page - Silicon Laboratories SI513 Datasheet HTML 3Page - Silicon Laboratories SI513 Datasheet HTML 4Page - Silicon Laboratories SI513 Datasheet HTML 5Page - Silicon Laboratories SI513 Datasheet HTML 6Page - Silicon Laboratories SI513 Datasheet HTML 7Page - Silicon Laboratories SI513 Datasheet HTML 8Page - Silicon Laboratories SI513 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si512/513
4
Rev. 1.0
1. Electrical Specifications
Table 1. Operating Specifications
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Supply Voltage
VDD
3.3 V option
2.97
3.3
3.63
V
2.5 V option
2.25
2.5
2.75
V
1.8 V option
1.71
1.8
1.89
V
Supply Current
IDD
CMOS, 100 MHz,
single-ended
—21
26
mA
LVDS
(output enabled)
—19
23
mA
LVPECL
(output enabled)
—39
43
mA
HCSL
(output enabled)
—41
44
mA
Tristate
(output disabled)
——
18
mA
FS, OE "1" Setting
VIH
See Note
0.80 x VDD
——
V
FS, OE "0" Setting
VIL
See Note
0.20 x VDD
V
FS, OE Internal Pull-
Up/Pull-Down Resistor*
RI
—45
k
Operating Temperature
TA
–40
85
oC
Note:
Active high and active low polarity OE options available. Active high uses internal pull-up. Active low uses internal pull-
down. See ordering information on page 12.


Número de pieza similar - SI513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si513 SILABS-Si513 Datasheet
1Mb / 20P
   Two selectable output frequencies
More results

Descripción similar - SI513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
IDT8N3D085 RENESAS-IDT8N3D085 Datasheet
735Kb / 20P
   LVPECL Dual Frequency Programmable Crystal Oscillator
DECEMBER 14, 2012
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
NIHON DEMPA KOGYO
NW19M12WA NDK-NW19M12WA_11 Datasheet
275Kb / 1P
   Frequency Controlled Crystal Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H Datasheet
38Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Vectron International, ...
FX-401 VECTRON-FX-401 Datasheet
1Mb / 8P
   Frequency Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
PO320 VANLONG-PO320_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal oscillator
PO300F VANLONG-PO300F_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com