Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI599 Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza SI599
Descripción Electrónicos  Programmable with 28 parts per trillion frequency resolution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI599 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI599 Datasheet HTML 1Page - Silicon Laboratories SI599 Datasheet HTML 2Page - Silicon Laboratories SI599 Datasheet HTML 3Page - Silicon Laboratories SI599 Datasheet HTML 4Page - Silicon Laboratories SI599 Datasheet HTML 5Page - Silicon Laboratories SI599 Datasheet HTML 6Page - Silicon Laboratories SI599 Datasheet HTML 7Page - Silicon Laboratories SI599 Datasheet HTML 8Page - Silicon Laboratories SI599 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Rev. 1.0 11/11
Copyright © 2011 by Silicon Laboratories
Si598/Si599
Si598/Si599
10–810 M H Z I 2C P ROGRAMMABLE XO/VCXO
Features
Applications
Description
The Si598 XO/Si599 VCXO utilizes Silicon Laboratories' advanced DSPLL®
circuitry to provide a low-jitter clock at any frequency. They are user-
programmable to any output frequency from 10 to 810 MHz with 28 parts per
trillion (PPT) resolution. The device is programmed via a 2-pin I2C compatible
serial interface. The wide frequency range and ultra-fine programming resolution
make these devices ideal for applications that require in-circuit dynamic frequency
adjustments or multi-rate operation with non-integer related rates. Using an
integrated crystal, these devices provide stable low jitter frequency synthesis and
replace multiple XOs, clock generators, and DAC controlled VCXOs.
Functional Block Diagram
I2C programmable output
frequencies from 10 to 810 MHz
0.5 ps RMS phase jitter
Superior power supply rejection:
0.3–0.4 ps additive jitter
Available LVPECL, CMOS, LVDS,
and CML outputs
1.8, 2.5, or 3.3 V supply
Pin- and register-compatible with
Si570/571
Programmable with 28 parts per
trillion frequency resolution
Integrated crystal provides stability
and low phase noise
Frequency changes up to
±3500 ppm are glitchless
–40 to 85 °C operation
Industry-standard 5x7 mm package
SONET / SDH / xDSL
Ethernet / Fibre Channel
3G SDI / HD SDI
Multi-rate PLLs
Multi-rate reference clocks
Frequency margining
Digital PLLs
CPU / FPGA FIFO control
Adaptive synchronization
Agile RF local oscillators
VDD
Fixed
Frequency
Oscillator
CLK+
CLK–
OE
GND
Power Supply Filtering
I2C Interface
SDA
SCL
ADC
Vc
(Si599)
Any Frequency
DSPLL®
10 to 810 MHz
Clock Synthesis
Ordering Information:
See page 22.
Pin Assignments:
See page 21.
(Top View)
Si5602
Si598
Si599
1
2
3
6
5
4
NC
GND
OE
VDD
CLK+
CLK–
SDA
SCL
8
7
1
2
3
6
5
4
VC
GND
OE
VDD
CLK+
CLK–
SDA
SCL
8
7


Número de pieza similar - SI599

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI599 SILABS-SI599 Datasheet
1Mb / 44P
   ANSI C REFERENCE DESIGN WITH OPTIONAL NON-VOLATILE OUTPUT FREQUENCY
logo
Skyworks Solutions Inc.
SI599 SKYWORKS-SI599 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
logo
Vishay Siliconix
SI5997DU VISHAY-SI5997DU Datasheet
164Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 29-Nov-10
SI5997DU VISHAY-SI5997DU Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
SI5997DU VISHAY-SI5997DU_V01 Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Descripción similar - SI599

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winchester Electronics ...
060-500-0859S WINCHESTER-060-500-0859S Datasheet
61Kb / 1P
   ALL METAL PARTS: BRASS PER ASTM B16 INSULATOR: TEFLON PER ASTM D1710
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
GREATECS
IS15DBFP4RGB GREATECS-IS15DBFP4RGB Datasheet
2Mb / 7P
   Programmable High Resolution LCD Switches
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com