Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LKG1K182MESBAK Datasheet(PDF) 1 Page - Nichicon corporation

No. de pieza LKG1K182MESBAK
Descripción Electrónicos  ALUMINUM ELECTROLYTIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NICHICON [Nichicon corporation]
Página de inicio  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKG1K182MESBAK Datasheet(HTML) 1 Page - Nichicon corporation

  LKG1K182MESBAK Datasheet HTML 1Page - Nichicon corporation LKG1K182MESBAK Datasheet HTML 2Page - Nichicon corporation LKG1K182MESBAK Datasheet HTML 3Page - Nichicon corporation LKG1K182MESBAK Datasheet HTML 4Page - Nichicon corporation LKG1K182MESBAK Datasheet HTML 5Page - Nichicon corporation LKG1K182MESBAK Datasheet HTML 6Page - Nichicon corporation LKG1K182MESBAK Datasheet HTML 7Page - Nichicon corporation LKG1K182MESBAK Datasheet HTML 8Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
347
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
Performance Characteristics
Tangent of loss angle (tan δ)
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
LKG Lug/Snap-inTerminalType,
For Audio Equipment
Disigned for high grade audio equipment, giving priority to high fidelity sound quality.
The variation expansion of the LKG.
TYPE-1: The low profile high tone quality grade of the new development
electrolyte adoption.
TYPE-2: The center grade that the best sound is provided electrode foil,
with the multiple use.
TYPE-3: The highest tone quality grade by the low drag the gold plating
terminal adoption.
The sound quality that it meets the high tone quality needs for HD Audio equipment.
Compliant to the RoHS directive (2011/65/EU).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Shelf Life
Marking
Item
40 to +85°C
16 to 100V (TYPE-1, TYPE-2, TYPE-3)
680 to 33000µF
± 20% at 120Hz, 20°C
After 5 minutes' application of rated voltage, leakage current is not more than
(µA), [C : Rated Capacitance(µF), V : Voltage ( V ) ]
Printed with gold color letter on black sleeve.
Measurement frequency : 120Hz
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 85°C.
After storing the capacitors under no load at 85°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4 clause
4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Z – 25°C/Z+20°C
Z – 40°C/Z+20°C
Rated voltage(V)
Impedance ratio ZT/Z20(MAX.)
16 to 100
4
12
Type numbering system (Snap-in terminal type)
(Example : Gold Tune 25 V 6800µF, Dia.φ30)
Type numbering system (Lug terminal type)
(Example : Super Through 50 V 15000µF)
High Grade
L
1
G
2
K
3
1
4
H
5
1
6
5
7
3
8
M
9
K
10
Z
11
S
12
Configuration
Grade
Capacitance tolerance(±20%)
Rated capacitance(15000µF)
Rated voltage(50V)
Series name
Type
L
1
G
2
K
3
1
4
E
5
6
6
8
7
2
8
M
9
E
10
S
11
B
12
Configuration
Case dia.code
Capacitance tolerance (±20%)
Rated capacitance(6800µF)
Rated voltage(25V)
Series name
K
13
B
14
Grade
Type
Grade
TYPE-1(Gold Tune)
TYPE-2(Gold Tune)
TYPE-3(Super Through)
Code
AK
BK
CK
Grade
TYPE-1(Gold Tune)
TYPE-2(Gold Tune)
TYPE-3(Super Through)
Code
F
S
1
2
Pb-free terminal
Pb-free PET sleeve
ES
Configuration
1
Measurement frequency : 120Hz at 20°C
TYPE
Rated voltage(V)
tan δ (MAX.)
TYPE-3
TYPE-1, TYPE-2
Endurance
Capacitance change
Leakage current
tan δ
16
25 to 63
0.30
0.35
80 100
16
0.25
0.25
25 to 63
0.22
80 100
0.20
Gold Tune
Super Through
3 CV
3 CV
3 CV
(Snap-in terminal type)
(Lug terminal type)
11±2
1.5
0.8
+0.2
-0.1
+0.
2
-0.1
0.8
+0.2
-0.1
(10)
6.3±1
For capacitance of more than 22000µF, add 0.02 for every increase of 1000µF.
Configuration
φ 35 to φ 40
φ 50 to φ 76
Dimension table in next page.


Descripción similar - LKG1K182MESBAK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com